Electronic Components Datasheet Search
  English  ▼

X  

LTC3255 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3255
Description  Wide VIN Range Fault Protected 50mA Step-Down Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3255 Datasheet(HTML) 1 Page - Linear Technology

  LTC3255 Datasheet HTML 1Page - Linear Technology LTC3255 Datasheet HTML 2Page - Linear Technology LTC3255 Datasheet HTML 3Page - Linear Technology LTC3255 Datasheet HTML 4Page - Linear Technology LTC3255 Datasheet HTML 5Page - Linear Technology LTC3255 Datasheet HTML 6Page - Linear Technology LTC3255 Datasheet HTML 7Page - Linear Technology LTC3255 Datasheet HTML 8Page - Linear Technology LTC3255 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3255
1
3255f
For more information www.linear.com/LTC3255
The LTC®3255 is a switched-capacitor step-down DC/DC
converter that produces a regulated output (2.4V to 12.5V
adjustable) from a 4V to 48V input. In applications where
the input voltage exceeds twice the output voltage, 2:1
capacitivechargepumpingextendsoutputcurrentcapabil-
ity beyond input supply current limits. At no load, Burst
Mode® operation cuts VIN quiescent current to 16µA.
With its integrated VIN shunt regulator, the LTC3255
excels in 4mA to 20mA current loop applications. The
device enables current multiplication; a 4mA input current
can power a 7.4mA load continuously. Alternatively, the
LTC3255 serves as a higher efficiency replacement for
linear regulators and provides a space-saving inductor-
free alternative to buck DC/DC converters.
The LTC3255 withstands reverse-polarity input supplies
and output short-circuits without damage. Safety features
including current limit and overtemperature protection
further enhance robustness. The LTC3255 is available in
thermally enhanced 10-lead MSOP and low profile 3mm
× 3mm 10-lead DFN packages.
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Wide VIN Range
Fault Protected 50mA
Step-Down Charge Pump
7.4mA DC Supply from 4mA to 20mA Current Loop
APPLICATIONS
n
Input Voltage Range: 4V to 48V
n
Adjustable Regulated Output: 2.4V to 12.5V
n
Output Current: 50mA Maximum
n
16μA Quiescent Current in Regulation at No Load
n
Input Fault Protection from –52V to 60V
n
Multimode Charge Pump (2:1, 1:1) with Automatic
Mode Switching Maintains Regulation Over Wide
VIN Range
n
Input Voltage Shunt Mode for Current-Fed Applications
n
Power Good Output
n
Overtemperature and Short-Circuit Protection
n
Operating Junction Temperature: 150°C Maximum
n
Thermally Enhanced 10-Lead MSOP and 10-Lead
(3mm
× 3mm) DFN packages
n
Industrial Control, Factory Automation, Sensors, and
SCADA Systems
n
Housekeeping Power Supplies
n
Current-Boosting Voltage Regulators for 4mA to
20mA Current Loops
L
, LT, LTC, LTM, Linear Technology, the Linear logo and Burst Mode are registered trademarks
and ThinSOT is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
VIN
EN
220k
10µF
3255 TA01a
0.1µF
4mA TO 20mA INPUT
>10V COMPLIANCE
1µF
1µF
OUTPUT
3.3V
7.4mA
LTC3255
GND
C+
C–
SHUNT
BIAS
PGOOD
+
–
PGOOD
FB
VOUT
2.15M
1.21M
Available Output Current
vs Input Current
4
8
12
14
20
6
10
16
18
INPUT CURRENT (mA)
16
31
34
37
40
10
25
13
28
7
4
22
19
3255 TA01b
INCREASED
IOUT CAPABILITY
AVAILABLE
IOUT
INPUT
CURRENT


Similar Part No. - LTC3255

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3255 LINER-LTC3255 Datasheet
984Kb / 28P
Fixed Ratio High Power Inductorless (Charge Pump) DC/DC Controller
logo
Analog Devices
LTC3255 AD-LTC3255 Datasheet
242Kb / 20P
Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
12/17-REV.A
LTC3255 AD-LTC3255 Datasheet
1Mb / 14P
High Voltage Boost Charge Pump
LTC3255 AD-LTC3255 Datasheet
1Mb / 19P
Fully Integrated 24V/12A Switched Capacitor DC/DC Converter with Overvoltage and Overcurrent Protections
Rev. A
logo
Linear Technology
LTC3255EMSE LINER-LTC3255EMSE Datasheet
393Kb / 8P
Wide VIN Range Fault Protected 50mA Step-Down Charge Pump
More results

Similar Description - LTC3255

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AME7720 AKM-AME7720 Datasheet
267Kb / 16P
Step-Up/Step-Down 60mA Regulated Charge Pump
logo
Analog Microelectronics
AME7739 AME-AME7739 Datasheet
169Kb / 11P
Step-Up / Step-Down 60mA Regulated Charge Pump
logo
Linear Technology
LTC3245 LINER-LTC3245 Datasheet
1Mb / 16P
Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
LTC3255 LINER-LTC3255_15 Datasheet
258Kb / 16P
Wide VIN Range Fault Protected 50mA Step-Down Charge Pump
LTC3245 LINER-LTC3245_15 Datasheet
542Kb / 18P
Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
logo
Maxim Integrated Produc...
MAX1730 MAXIM-MAX1730 Datasheet
137Kb / 8P
50mA Regulated Step-Down Charge Pump for 1.8V or 1.9V Logic
Rev 0; 4/00
logo
Linear Technology
LTC3245EMSE LINER-LTC3245EMSE Datasheet
1Mb / 6P
Wide VIN Range, Low Noise 250mA Buck-Boost Charge Pump
LTC3255EMSE LINER-LTC3255EMSE Datasheet
393Kb / 8P
Wide VIN Range Fault Protected 50mA Step-Down Charge Pump
LTC3246 LINER-LTC3246 Datasheet
242Kb / 20P
Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
logo
Analog Devices
LTC3246 AD-LTC3246 Datasheet
242Kb / 20P
Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
12/17-REV.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com