Electronic Components Datasheet Search
  English  ▼

X  

LTC7820EUFD Datasheet(PDF) 1 Page - Linear Technology

Part # LTC7820EUFD
Description  High Efficiency, Charge Pump DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7820EUFD Datasheet(HTML) 1 Page - Linear Technology

  LTC7820EUFD Datasheet HTML 1Page - Linear Technology LTC7820EUFD Datasheet HTML 2Page - Linear Technology LTC7820EUFD Datasheet HTML 3Page - Linear Technology LTC7820EUFD Datasheet HTML 4Page - Linear Technology LTC7820EUFD Datasheet HTML 5Page - Linear Technology LTC7820EUFD Datasheet HTML 6Page - Linear Technology LTC7820EUFD Datasheet HTML 7Page - Linear Technology LTC7820EUFD Datasheet HTML 8Page - Linear Technology LTC7820EUFD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
dc2543af
DEMO MANUAL DC2543A
Description
LTC7820EUFD
High Efficiency, Charge Pump
DC/DC Converter
Demonstration circuit 2543A is a high efficiency, high
density, open loop charge pump (inductorless) DC/DC
converter. This demo board is a voltage divider which
achieves a 2:1 step-down ratio from an input voltage from
36V to 60V. The output voltage is a fixed ratio of half of the
input voltage (VIN/2) and can supply a 10A load current.
This demo board has the option to deliver a 20A maximum
load with the addition of 15 chip capacitors. See Figures 8
and 10 for the details.
The DC2543A provides a very high efficiency solution of
98.7% when converting 48VIN to 24VOUT at 10A as shown
in Figure 3. When configured for a 20A output, an effi-
ciency of up to 98.4% is achievable for a 48VIN to 24VOUT
at 20A as shown in Figure 8.
The demo board features the LTC®7820, a fixed ratio high
voltage high power switched capacitor/charge pump
controller in a 4mm × 5mm QFN package. Please see
LTC7820 data sheet for more detailed information.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Analog
Devices, Inc. All other trademarks are the property of their respective owners.
performance summary
The DC2543A needs to be powered on with no load cur-
rent or a very small load current (less than 50mA) with the
default setup. Large load current can be applied after VO
is established. The board offers a disconnect FET option
which is controlled by the LTC7820 FAULT pin to discon-
nect the load during startup as shown in the schematic.
Please refer to “Voltage Divider Prebalance Before Switch-
ing” section in the LTC7820 data sheet for more details
regarding the startup of the voltage divider. The board also
features some protection functions such as overcurrent
and thermal shutdown to make it a reliable solution.
Design files for this circuit board are available at
http://www.linear.com/demo/DC2543A
Specifications are at TA = 25°C
PARAMETER
CONDITION
VALUE
Input Voltage Range
36V to 60V
Output Voltage, VOUT
VIN = 36 to 60V, IOUT = 0A to 10A
VIN/2
Maximum Output Current, IOUT
VIN = 36 to 60V, VOUT = VIN/2
10A
Typical Efficiency
VIN = 48V, VOUT = 24V, IOUT = 10A
98.7%
Peak Efficiency
VIN = 48V, VOUT = 24V
99%
Switching Frequency
200kHz


Similar Part No. - LTC7820EUFD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC7820 LINER-LTC7820 Datasheet
984Kb / 28P
Fixed Ratio High Power Inductorless (Charge Pump) DC/DC Controller
LTC7820 LINER-LTC7820 Datasheet
1Mb / 36P
Hybrid Step-Down Synchronous Controller
logo
Analog Devices
LTC7820 AD-LTC7820 Datasheet
2Mb / 18P
100V Half-Bridge Driver with Floating Grounds and Adjustable Dead-Time
04/20-REV.A
LTC7820 AD-LTC7820 Datasheet
1Mb / 19P
Fully Integrated 24V/12A Switched Capacitor DC/DC Converter with Overvoltage and Overcurrent Protections
Rev. A
LTC7820 AD-LTC7820 Datasheet
845Kb / 19P
Fully Integrated 17V/8A Switched Capacitor 2:1 Converter Configurable as a Voltage Divider, Doubler, or Inverter
Rev. 0
More results

Similar Description - LTC7820EUFD

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7662A TELCOM-TC7662A Datasheet
62Kb / 5P
CHARGE PUMP DC-TO-DC CONVERTER
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A Datasheet
53Kb / 7P
CHARGE PUMP DC-TO-DC CONVERTER
2001
TC962 MICROCHIP-TC962 Datasheet
434Kb / 12P
High Current Charge Pump DC-to-DC Converter
2002
logo
Sanyo Semicon Device
LA7995M SANYO-LA7995M Datasheet
38Kb / 5P
Charge Pump Type DC-DC Converter
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A_02 Datasheet
457Kb / 14P
Charge Pump DC-to-DC Converter
2002
TC1047 MICROCHIP-TC1047_06 Datasheet
468Kb / 12P
High Current Charge Pump DC-to-DC Converter
2006
logo
Unisonic Technologies
ME7660 UTC-ME7660 Datasheet
151Kb / 5P
CHARGE PUMP DC-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A_13 Datasheet
231Kb / 16P
Charge Pump DC-to-DC Converter
11/29/12
logo
Unisonic Technologies
ME7660 UTC-ME7660_15 Datasheet
151Kb / 5P
CHARGE PUMP DC-DC VOLTAGE CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com