Electronic Components Datasheet Search
  English  ▼

X  

LTC7860 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC7860
Description  High Efficiency Switching Surge Stopper/EMI Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7860 Datasheet(HTML) 2 Page - Linear Technology

  LTC7860 Datasheet HTML 1Page - Linear Technology LTC7860 Datasheet HTML 2Page - Linear Technology LTC7860 Datasheet HTML 3Page - Linear Technology LTC7860 Datasheet HTML 4Page - Linear Technology LTC7860 Datasheet HTML 5Page - Linear Technology LTC7860 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
dc2239af
DEMO MANUAL DC2239A
Quick start proceDure
Demonstration circuit 2239 is easy to set up to evaluate
the performance of the LTC7860. Refer to Figure 1 for
proper measurement equipment setup and follow the
procedure below:
NOTE.Whenmeasuringtheoutputvoltageripple,caremust
be taken to avoid a long ground lead on the oscilloscope
probe. Measure the output voltage ripple by touching the
probe tip and ground ring directly across the last output
capacitor as shown in Figure 1.
1. Use an input power supply that is capable of 3.5V to
60V. Set its output to 5V. Then turn off the supply.
2. Withpoweroff,connectthesupplytotheinputterminals
+VIN and –VIN.
a. Input voltages lower than 3.5V can keep the con-
verter from turning on due to the undervoltage
lockout feature of the LTC7860.
b. A voltmeter with a capability of measuring at least
60Vcanbeplacedacrosstheinputterminalsinorder
to get an accurate input Voltage measurement.
3. Turn on the power at the input.
NOTE.Makesurethattheinputvoltageneverexceeds60V.
4. Check for the proper output voltage of 5V. Turn off the
power at the input.
5. Connect a variable load capable of sinking 5A at 17.2V to
the output terminals +VOUT and –VOUT. Set the current
for 0A.
a. A voltmeter with a capability of measuring at least
18V can be placed across the output terminals in
ordertogetanaccurateoutputvoltagemeasurement.
6. Turn on the power at the input.
NOTE. If there is no output, temporarily disconnect the
load to make sure that the load is not set too high.
7. Once the proper output voltage is again established,
adjust the load and/or input within the operating range
up to 17VIN and observe the output voltage and other
desired parameters.
8. Now apply an input between 18V and 60V and observe
the output voltage and fault timer operation.
9. If desired, you may apply input transient profiles in
the range of 0VIN to 60VIN and observe the output to
illustrate operation of the circuit to prevent input surges
from reaching the output.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com