Electronic Components Datasheet Search
  English  ▼

X  

AND124G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AND124G
Description  Standard LED T-1 Package (3 mm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AND124G Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AND124G Datasheet HTML 1Page - List of Unclassifed Manufacturers AND124G Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
4/4/05
Tel: 408.523.8200 • Fax: 408.733.1287 • email@purdyelectronics.com
1
www.purdyelectronics.com
AND124G
Standard Bright LED LAMPS
Precaution
Please be careful of the following:
1. Soldering temperature: 260°C max; Soldering time: 3 sec. max; Soldering portion of lead: up to 2 mm from the body of the device.
2. The lead can be formed up to 5 mm from the body of the device without forming stress. Soldering should be performed after the lead
forming.
Electro-Optical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Green
Unit
Min.
Typ.
Max.
Forward Voltage
VF
IF = 20mA
–2.1
2.5
V
Reverse Current
IR
VR = 5 V
–
–
10
µA
Peak Emission Wavelength
λp
IF = 15mA
–
565
–
nm
Spectral Line Half Width
λ
IF = 15mA
–30
–
nm
Weight: 0:30 g
Unit: mm
ø3.1
± 0.2
0.5
0.5
1. Anode
2. Cathode
2.54
2
1
ø3.8
± 0.2
AND124G
Standard LED
T-1 Package (3 mm)
Features
• Low power requirement
• Stand-off or flush-mount
• All plastic molded lens
• Color: GaP–Green
Optical Characteristics (Ta = 25°C)
Part
Number
Color
Lens
Desc.
Axial Luminous
Intensity (mcd)
Test
Condition
(IF–mA)
Viewing
Angle
2
θ1/2
(deg)
LED
Lens
Min.
Typ.
AND124G
Green
Green
Diffused
8
20
10
60
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Forward Current (DC)
IF
25
mA
Reverse Voltage
VR
5V
Power Dissipation
PD
105
mW
Operating Temperature
TOpr
-40 to +85
°C
Storage Temperature Range
TStg
-40 to +85
°C
Product specifications contained herein may be changed without prior notice.
It is therefore advisable to contact Purdy Electronics before proceeding with the design of equipment incorporating this product.


Similar Part No. - AND124G

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND124R PURDY-AND124R Datasheet
53Kb / 2P
Standard LED
AND124Y PURDY-AND124Y Datasheet
84Kb / 2P
Standard LED
More results

Similar Description - AND124G

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
234 EVERLIGHT-234 Datasheet
101Kb / 8P
3 mm Round LED (T-1)
234-T2C3-1PSB EVERLIGHT-234-T2C3-1PSB Datasheet
101Kb / 8P
3 mm Round LED (T-1)
264-15-T2C4-1NRB EVERLIGHT-264-15-T2C4-1NRB Datasheet
101Kb / 9P
3 mm Round LED (T-1)
logo
IDEA.lnc.
IGD2151 IDEA-IGD2151 Datasheet
36Kb / 2P
T-1, 3 mm diameter package
IGT2151 IDEA-IGT2151 Datasheet
37Kb / 2P
T-1, 3 mm diameter package
IHD2151 IDEA-IHD2151 Datasheet
36Kb / 2P
T-1, 3 mm diameter package
IID2151 IDEA-IID2151 Datasheet
37Kb / 2P
T-1, 3 mm diameter package
IYD2151 IDEA-IYD2151 Datasheet
36Kb / 2P
T-1, 3 mm diameter package
logo
Everlight Electronics C...
264-15-T2C4-1NRB EVERLIGHT-264-15-T2C4-1NRB_11 Datasheet
252Kb / 12P
3 mm Round LED (T-1)
204-15UTC-S400-X9 EVERLIGHT-204-15UTC-S400-X9_13 Datasheet
123Kb / 8P
3 mm Round LED (T-1)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com