Electronic Components Datasheet Search
  English  ▼

X  

AS2540 Datasheet(PDF) 1 Page - ams AG

Part # AS2540
Description  Remote Controlled Single-Chip-Telephone
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2540 Datasheet(HTML) 1 Page - ams AG

  AS2540 Datasheet HTML 1Page - ams AG AS2540 Datasheet HTML 2Page - ams AG AS2540 Datasheet HTML 3Page - ams AG AS2540 Datasheet HTML 4Page - ams AG AS2540 Datasheet HTML 5Page - ams AG AS2540 Datasheet HTML 6Page - ams AG AS2540 Datasheet HTML 7Page - ams AG AS2540 Datasheet HTML 8Page - ams AG AS2540 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Data Sheet AS2540
austriamicrosystems
Revision 3.1
Page 1 of 18
austriamicrosystems
General Description
The AS2540 is a CMOS integrated circuit that
incorporates a speech circuit (line-adaptation, 2/4-wire
conversion, separate Rx- and Tx-amplifiers for handset
and modem), MF dialler, ring frequency detector, ring
melody generator and a two wire serial interface. It
shall act as an a/b-line-powered device in order to
interface a main-powered CPU to the analogue
telephone line.
AS2540 can operate in a so-called mainpower mode
and in a backup mode. During mainpower mode, a
watchdog timer is running on AS2540, which has to be
reset via the serial interface, which is connected to the
CPU through opto-couplers. During backup mode (=
The main-power failure or SW engine problem),
AS2540 can operate as an independent basic MF
dialler (digits 0-9*#)
Applications
-
Web Telephones
-
Answering Machines
-
Fax Machines
-
Base Station of Cordless Telephones
-
Hospital Communication Units
Key Features
-
Line Interface, Speech Circuit, MF Dialler and Tone Ringer
on a 28 pin CMOS chip
-
Programmable via 2-wire serial interface
(UART 9600 baud, 8N1)
-
Watch dog timer for Backup Mode
-
Additional input for modem transmit path
-
Additional output for modem receive path
-
CMOS for high EMC immunity
-
Low Noise (max. –72 dBm)
-
Operating range from 15mA to 100mA (down to 5mA with
reduced performance)
-
Soft clipping for handset operation to avoid harsh distortion
-
Line loss compensation selectable by pin option
-
Real and complex impedance selectable by external
components
-
Side tone adaption selectable by external components
-
Ring frequency discrimination
-
3-tone ring melody generator
Package
-
28 pin SOIC
-
Dice-on-Foil
Block Diagram
LS
ROH
ROT
M1
M2
TIT
AGND
Line
LI
RI
STB
CS
CI
DPn
C1
C2
C3
R1
R2
MODE
RFD
-2d B
+6dB
+2d B
Mask
DTMF-
generator
DIALLER
UART
MO
RxD
TxD
VDD
EHS
MHS
VSS
OSC
Main Power Mode
LS
ROH
ROT
M1
M2
TIT
AGND
Line
LI
RI
STB
CS
CI
DPn
C1
C2
C3
R1
R2
MODE
RFD
-2dB
+6dB
+2d B
Mask
DTMF-
generator
DIALLER
UART
MO
RxD
TxD
VDD
EHS
MHS
VSS
OSC
Backup Mode
Remote Controlled Single-Chip-Telephone
AS2540
DATA SHEET (PRELIMINARY)


Similar Part No. - AS2540

ManufacturerPart #DatasheetDescription
logo
ams AG
AS2540 AMSCO-AS2540 Datasheet
934Kb / 19P
Remote Controlled Single-Chip-Telephone
logo
Power-One
AS2540-7R POWER-ONE-AS2540-7R Datasheet
147Kb / 4P
100 Watt DC-DC Converters
logo
ams AG
AS2540Q AMSCO-AS2540Q Datasheet
934Kb / 19P
Remote Controlled Single-Chip-Telephone
AS2540T AMSCO-AS2540T Datasheet
934Kb / 19P
Remote Controlled Single-Chip-Telephone
AS2540 AMSCO-AS2540_04 Datasheet
934Kb / 19P
Remote Controlled Single-Chip-Telephone
More results

Similar Description - AS2540

ManufacturerPart #DatasheetDescription
logo
Sames
AN1500A SAMES-AN1500A Datasheet
623Kb / 27P
SINGLE CHIP TELEPHONE DEMO BOARD
SA2532 SAMES-SA2532 Datasheet
583Kb / 22P
VERSATILE SINGLE CHIP TELEPHONE
SA2532KA SAMES-SA2532KA Datasheet
187Kb / 21P
SINGLE CHIP TELEPHONE FOR INDIA
SA2532P SAMES-SA2532P Datasheet
149Kb / 21P
ONE MEMORY SINGLE CHIP TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
SINGLE CHIP CORDLESS TELEPHONE IC
logo
List of Unclassifed Man...
ICM7101D ETC-ICM7101D Datasheet
212Kb / 11P
LOW COST SINGLE CHIP TELEPHONE IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
Single-chip Cordless Telephone IC
logo
IC MICROSYSTEMS
ICM9102M ICMIC-ICM9102M Datasheet
339Kb / 3P
SINGLE CHIP TELEPHONE BOARD MODULE
ICM7102B ICMIC-ICM7102B Datasheet
364Kb / 12P
LOW COST SINGLE CHIP TELEPHONE IC
logo
ams AG
AS2540 AMSCO-AS2540_04 Datasheet
934Kb / 19P
Remote Controlled Single-Chip-Telephone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com