Electronic Components Datasheet Search
  English  ▼

X  

AD8375 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8375
Description  Ultralow Distortion IF VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8375 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8375 Datasheet HTML 2Page - Analog Devices AD8375 Datasheet HTML 3Page - Analog Devices AD8375 Datasheet HTML 4Page - Analog Devices AD8375 Datasheet HTML 5Page - Analog Devices AD8375 Datasheet HTML 6Page - Analog Devices AD8375 Datasheet HTML 7Page - Analog Devices AD8375 Datasheet HTML 8Page - Analog Devices AD8375 Datasheet HTML 9Page - Analog Devices AD8375 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD8375
Data Sheet
Rev. B | Page 6 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VCOM
VIN+
VIN–
A4
A3
A2
VOUT+
VOUT–
VOUT+
VOUT–
COMM
VPOS
NOTES
1. THE EXPOSED PAD IS INTERNALLY CONNECTED TO GROUND.
SOLDER TO A LOW IMPEDANCE GROUND PLANE.
2
1
3
4
5
6
18
17
16
15
14
13
AD8375
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VCOM
Common-Mode Pin. Typically bypassed to ground using external capacitor.
2
VIN+
Voltage Input Positive.
3
VIN−
Voltage Input Negative.
4
A4
MSB for the 5-Bit Gain Control Interface.
5
A3
MSB − 1 for the Gain Control Interface.
6
A2
MSB − 2 for the Gain Control Interface.
7
A1
LSB + 1 for the Gain Control Interface.
8
A0
LSB for the 5-Bit Gain Control Interface.
9, 10, 12, 13, 23
VPOS
Positive Supply Pins. Should be bypassed to ground using suitable bypass capacitor.
11, 14, 20, 21, 22, 24
COMM
Device Common (DC Ground).
15, 17
VOUT+
Positive Output Pins (Open Collector). Require dc bias of +5 V nominal.
16, 18
VOUT−
Negative Output Pins (Open Collector). Require dc bias of +5 V nominal.
19
PWUP
Chip Enable Pin. Enabled with a logic high and disabled with a logic low.
EPAD
Exposed Pad. The Exposed Pad is internally connected to ground. Solder to a low impedance
ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com