Electronic Components Datasheet Search
  English  ▼

X  

ATC18 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATC18
Description  Embedded ASIC Memory Cell
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATC18 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATC18 Datasheet HTML 1Page - ATMEL Corporation ATC18 Datasheet HTML 2Page - ATMEL Corporation ATC18 Datasheet HTML 3Page - ATMEL Corporation ATC18 Datasheet HTML 4Page - ATMEL Corporation ATC18 Datasheet HTML 5Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Features
• 64K x 32-bit Flash Embedded Memory Cell
• Fast Read Access Time
– Random Access Time: 70 ns Worst Case (Process, Voltage, Temperature)
– Page Access Time: 40 ns Worst Case (Process, Voltage, Temperature)
• Single Supply Voltage: 1.8V ±10%
• Page Program Operation
– 1024 Pages (64 Words/Page)
– Internal Data Latches For 64 Words
– Read Capability During Data Load
• Program Cycle Time: 4 ms per Page Including Auto-erase
• Full Chip Erase Available in 10 ms
• rdybsyn Signal For End of Program Detection
• Very Low Power Dissipation
– 8 mA Active Current in Write and Erase
– 4 mA Active Current in Random Read
– 30 µA Stand-by Current
• High Reliability CMOS Technology
– Typical Endurance: 100K Write/Word
– Data Retention: 10 Years
• Erased State (Charged Gate) Is a Logic “1”
Description
The 64K x 32-bit cell is an embedded 2-Mbit Flash electrically erasable and program-
mable read only memory with a power supply of 1.8V ±10%. The memory is organized
as 1024 pages of 64 32-bit words each. The device uses the Atmel ATC18 0.18 µm sil-
icon process. For easy reprogrammability, it does not require a high input voltage for
programming: the embedded Flash can be operated with a single 1.8V ±10% power
supply.
Re-programming the cell is performed on a page basis: the words to be written (from a
minimum of 1 word to a maximum of 64 words) are loaded into the device and then
simultaneously written into the targeted page after the full page has been erased dur-
ing the auto-erase phase. 2 ms are necessary to erase the page, followed by 2 ms to
write the words, independent of the number of words that are written in parallel into
the targeted page. Thus the write time after the auto-erase varies from a maximum of
2 ms per word if only 1 word is written to a minimum of 32 µs per word if the entire
page is written at a time. Memory read is allowed during data loading and forbidden
once programming has started. The signal rdybsyn pulses low at the beginning of the
program cycle to indicate that the memory is not ready for a read operation. Program-
ming the entire memory can be done using a full chip erase followed by 1024 page
write without auto-erase. Compared to full-memory programming using auto-erase on
each page, the programming time is reduced by half. At the end of each program
cycle, the rdybsyn signal pulses high to indicate that programming is completed and
the memory available for a new program or read cycle. Reading data out of the device
can be done in an asynchronous and random manner, with 70 ns access time.
Embedded ASIC
Memory Cell
ATC18
64K x 32-bit
Low-power
Flash
Advance
Information
Rev. 2680A–CASIC–11/02


Similar Part No. - ATC18

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATC18 ATMEL-ATC18 Datasheet
219Kb / 12P
Cell-based ASIC
ATC18M ATMEL-ATC18M Datasheet
115Kb / 8P
0.18 關m CMOS Cell-based ASIC for Military Use
ATC18RHA ATMEL-ATC18RHA Datasheet
268Kb / 20P
Rad. Hard 0.18 Um CMOS Cell-based ASIC for Space Use
ATC18RHA ATMEL-ATC18RHA Datasheet
187Kb / 22P
Rad. Hard 0.18 關m CMOS Cell-based ASIC for Space Use
ATC18RHA ATMEL-ATC18RHA_08 Datasheet
187Kb / 22P
Rad. Hard 0.18 關m CMOS Cell-based ASIC for Space Use
More results

Similar Description - ATC18

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATC25 ATMEL-ATC25 Datasheet
88Kb / 11P
Cell-based ASIC
ATC18 ATMEL-ATC18_06 Datasheet
219Kb / 12P
Cell-based ASIC
TWI2 ATMEL-TWI2 Datasheet
73Kb / 4P
32-bit Embedded ASIC Core Peripheral
ATC35 ATMEL-ATC35 Datasheet
110Kb / 14P
Cell-based ASIC
ATC13 ATMEL-ATC13 Datasheet
143Kb / 12P
Cell-based ASIC
ATC20 ATMEL-ATC20 Datasheet
97Kb / 11P
Cell-based ASIC
logo
Micron Technology
PC28F128J3F75A MICRON-PC28F128J3F75A Datasheet
2Mb / 66P
Numonyx짰 Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
RC28F128J3F75A MICRON-RC28F128J3F75A Datasheet
2Mb / 66P
Numonyx짰 Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
logo
Epson Company
S1X70000 EPSON-S1X70000 Datasheet
5Mb / 379P
STANDARD CELL / EMBEDDED ARRAY
logo
Aeroflex Circuit Techno...
UT0.25UHBD AEROFLEX-UT0.25UHBD Datasheet
97Kb / 13P
Hardened-by-Design Standard Cell ASIC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com