Electronic Components Datasheet Search
  English  ▼

X  

AWL6153 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AWL6153
Description  2.4 GHz Wireless LAN Power Amplifier Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWL6153 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AWL6153 Datasheet HTML 1Page - ANADIGICS, Inc AWL6153 Datasheet HTML 2Page - ANADIGICS, Inc AWL6153 Datasheet HTML 3Page - ANADIGICS, Inc AWL6153 Datasheet HTML 4Page - ANADIGICS, Inc AWL6153 Datasheet HTML 5Page - ANADIGICS, Inc AWL6153 Datasheet HTML 6Page - ANADIGICS, Inc AWL6153 Datasheet HTML 7Page - ANADIGICS, Inc AWL6153 Datasheet HTML 8Page - ANADIGICS, Inc AWL6153 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
08/2004
Bias Control
VCC
VREF
RFIN
RFOUT
Matching
Network
Matching
Network
GND
AWL6153
2.4 GHz Wireless LAN
PowerAmplifier Module
PRELIMINARY DATA SHEET - Rev 1.0
M7 Package
10 Pin 4 x 4 x 1.5 mm
Surface Mount Module
FEATURES
•
InGaP HBT Technology
•
< 3.5% EVM at +25 dBm Output Power (+5 V
Supply), with 802.11g Modulation at 54 Mbps
Data Rate
•
< 3% EVM at +21 dBm Output Power (+3.3 V
Supply), with 802.11g Modulation at 54 Mbps
Data Rate
•
+3 V to +5 V Supply
•
High Efficiency
•
4 x 4 x 1.5 mm Surface Mount Module
•50
Ω - Matched RF Ports for Reduced External
Component Count
•
Designated Pb-free Packaging
APPLICATIONS
•
802.11g/b WLAN Stations and Client Cards
•
802.11g/b WLAN Access Points
PRODUCT DESCRIPTION
The ANADIGICS AWL6153 WLAN Power Amplifier
is an easy to use module that delivers high levels
of linearity and efficiency for high data rate
applications. Designed for the 2.4 GHz WLAN
standards, it supports the 54 Mbps data rates
specified in IEEE 802.11g.
Requiring a single +3 V to +5 V supply and a
reference voltage input, the AWL6153 reduces
system power consumption by offering a low
leakage current while the amplifier is shut down.
No external circuits are required for RF impedance
matching, thus reducing component costs and
making it easy to incorporate the device into new
designs.
The AWL6153 is manufactured using an advanced
InGaP HBT technology that offers state-of-the-art
reliability, temperature stability and ruggedness. It
is offered in a 4 x 4 x 1.5 mm surface mount module
optimized for a 50
Ω system.
Figure 1: Module Block Diagram


Similar Part No. - AWL6153

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6152 ANADIGICS-AWL6152 Datasheet
197Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 0.2
AWL6152M7P8 ANADIGICS-AWL6152M7P8 Datasheet
197Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 0.2
More results

Similar Description - AWL6153

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6152 ANADIGICS-AWL6152 Datasheet
197Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 0.2
logo
SiGe Semiconductor, Inc...
SE2521A60 SIGE-SE2521A60 Datasheet
451Kb / 16P
RangeCharger??2.4 GHz Wireless LAN Front End
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
2.4 GHz Wireless LAN Front End Preliminary
SE2565T SIGE-SE2565T Datasheet
129Kb / 2P
2.4 GHz High Power Wireless LAN Power Amplifier Preliminary
SE2576L SIGE-SE2576L Datasheet
129Kb / 2P
2.4 GHz High Power Wireless LAN Power Amplifier Preliminary
SE2566U SIGE-SE2566U Datasheet
86Kb / 2P
2.4 GHz Dual Channel Wireless LAN Power Amplifier Preliminary
logo
Skyworks Solutions Inc.
SE2620T SKYWORKS-SE2620T Datasheet
273Kb / 13P
2.4 GHz Wireless LAN/BT Front End Preliminary
SE2623L-R SKYWORKS-SE2623L-R Datasheet
187Kb / 2P
2.4 GHz High-Power Wireless LAN Power Amplifier
logo
Microchip Technology
RN171 MICROCHIP-RN171 Datasheet
558Kb / 30P
2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
06/23/16
RN1723 MICROCHIP-RN1723 Datasheet
306Kb / 32P
2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
01/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com