Electronic Components Datasheet Search
  English  ▼

X  

BCU86 Datasheet(PDF) 1 Page - Seme LAB

Part # BCU86
Description  NPN/PNP EPITAXIAL PLANAR SILICON TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BCU86 Datasheet(HTML) 1 Page - Seme LAB

  BCU86 Datasheet HTML 1Page - Seme LAB BCU86 Datasheet HTML 2Page - Seme LAB BCU86 Datasheet HTML 3Page - Seme LAB BCU86 Datasheet HTML 4Page - Seme LAB BCU86 Datasheet HTML 5Page - Seme LAB BCU86 Datasheet HTML 6Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Prelim.9/98
BCU86-SMD
BCU87-SMD
Magnatec.
Telephone +44(0)1455 554711.
Fax +44(0)1455 558843.
E-mail: magnatec@semelab.co.uk Website: http://www.semelab.co.uk
VCBO
Collector – Base voltage
VCEO
Collector – Emitter voltage (IB = 0)
VEBO
Emitter – Base voltage
IC
Collector current
ICP
Collector Current (Pulse)
PC
Collector Dissipation
(Mounted on Ceramic Board (250mm2 x 0.8mm)
Tj
Junction Temperature
Tstg
Storage Temperature
500mW
1.5W
150°C
–55 to 150°C
MECHANICAL DATA
Dimensions in mm
1. 5
1. 6
4. 5
1. 5
3. 0
0. 40
0. 50
0. 40
-+
*
NPN/PNP EPITAXIAL PLANAR
SILICON TRANSISTOR
Ideal For High current Switching
Application
FEATURES
•LOW VCE(SAT)
• HIGH CURRENT CAPACITY AND WIDE ASO
• FAST SWITCHING SPEED
APPLICATIONS
• VOLTAGE REGULATORS
• RELAY DRIVERS
• LAMP DRIVERS
• ELECTRICAL EQUIPMENT
SOT89
ABSOLUTE MAXIMUM RATINGS (T
case = 25°C unless otherwise stated)
BCU86
BCU87
60V
50V
6V
3A
6A
– 60V
– 50V
– 6V
– 3A
– 6A


Similar Part No. - BCU86

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BCU81 SEME-LAB-BCU81 Datasheet
59Kb / 4P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
BCU81-SMD SEME-LAB-BCU81-SMD Datasheet
88Kb / 4P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
BCU81-SMD SEME-LAB-BCU81-SMD Datasheet
92Kb / 4P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
BCU81-SMD SEME-LAB-BCU81-SMD_99 Datasheet
92Kb / 4P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
BCU83 SEME-LAB-BCU83 Datasheet
89Kb / 4P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
More results

Similar Description - BCU86

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR481H AUK-SUR481H Datasheet
69Kb / 3P
NPN/PNP epitaxial planar Silicon Transistor
SUR491J AUK-SUR491J Datasheet
74Kb / 3P
NPN/PNP Epitaxial Planar Silicon Transistor
SUR511EF AUK-SUR511EF Datasheet
82Kb / 3P
NPN/PNP Epitaxial Planar Silicon Transistor
SUR551H AUK-SUR551H Datasheet
82Kb / 3P
NPN/PNP epitaxial planar Silicon Transistor
SUT464M AUK-SUT464M Datasheet
273Kb / 5P
NPN/PNP Epitaxial Planar Silicon Transistor
logo
KODENSHI_AUK CORP.
SUR481H KODENSHI-SUR481H Datasheet
307Kb / 5P
Epitaxial planar NPN/PNP silicon transistor
SUR501J KODENSHI-SUR501J Datasheet
333Kb / 5P
Epitaxial planar NPN/PNP silicon transistor
SUT575EF KODENSHI-SUT575EF Datasheet
345Kb / 6P
Epitaxial planar NPN/PNP silicon transistor
SUR481H KODENSHI-SUR481H Datasheet
307Kb / 5P
Epitaxial planar NPN/PNP silicon transistor
SUR496H KODENSHI-SUR496H Datasheet
317Kb / 5P
Epitaxial planar NPN/PNP silicon transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com