Electronic Components Datasheet Search
  English  ▼

X  

NZ2016SH Datasheet(PDF) 2 Page - NIHON DEMPA KOGYO

Part # NZ2016SH
Description  Standard Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

NZ2016SH Datasheet(HTML) 2 Page - NIHON DEMPA KOGYO

  NZ2016SH Datasheet HTML 1Page - NIHON DEMPA KOGYO NZ2016SH Datasheet HTML 2Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Crystal Clock Oscillator
NZ2016SH
Standard Type (32.768kHz)
1510A_NZ2016SH_32.768k_e
■ Specification Number
Overall Frequency
Tolerance
Operating Temperature
Range (°C)
Supply Voltage (V)
+1.8±0.18
+2.5±0.25
+3.0±0.3
+3.3±0.33
±100 × 10-6
–40 to +125
NSC5026A
NSC5026B
NSC5026C
NSC5026D
±50 × 10-6
–40 to +105
NSC5028A
NSC5028B
NSC5028C
NSC5028D
±30 × 10-6
–40 to +85
NSC5031A
NSC5031B
NSC5031C
NSC5031D
Please specify the model name, frequency, and specification number when you order products.
For further questions regarding specifications, please feel free to contact us.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com