Electronic Components Datasheet Search
  English  ▼

X  

BGY280 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BGY280
Description  UHF amplifier module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY280 Datasheet(HTML) 2 Page - NXP Semiconductors

  BGY280 Datasheet HTML 1Page - NXP Semiconductors BGY280 Datasheet HTML 2Page - NXP Semiconductors BGY280 Datasheet HTML 3Page - NXP Semiconductors BGY280 Datasheet HTML 4Page - NXP Semiconductors BGY280 Datasheet HTML 5Page - NXP Semiconductors BGY280 Datasheet HTML 6Page - NXP Semiconductors BGY280 Datasheet HTML 7Page - NXP Semiconductors BGY280 Datasheet HTML 8Page - NXP Semiconductors BGY280 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2000 Nov 15
2
Philips Semiconductors
Preliminary specification
UHF amplifier module
BGY280
FEATURES
• Dual band GSM amplifier
• 3.6 V nominal supply voltage
• 33.5 dBm output power for GSM1800
• 35.5 dBm output power for GSM900
• Easy output power control by DC voltage.
• Internal input and output matching.
APPLICATIONS
• Digital cellular radio systems with Time Division Multiple
Access (TDMA) operation (GSM systems) in two
frequency bands: 880 to 915 MHz and
1710 to 1785 MHz.
DESCRIPTION
The BGY280 is a power amplifier module in a SOT559A
leadless package with a plastic cap. The dimensions are
13.75 x 11 x 1.7 mm. The module consists of two
separated line-ups. One for GSM900 and one for
GSM1800. Internal power control, input and output
matching.
PINNING - SOT559A
PIN
DESCRIPTION
1,2,3,6,9,10,11,14
Ground
4
RF output 2 (1800 MHz)
5VS2 (1800 MHz)
7VS1 (900 MHz)
8
RF output 1 (900 MHz)
12
RF input 1 (900 MHz)
13
VC1 (900 MHz)
15
VC2 (1800 MHz)
16
RF input 2 (1800 MHz)
Fig.1 Simplified outline
Bottom view
8
7
5
6
4
12
13
15
14
16
12
3
11
10
9
MBL031
QUICK REFERENCE DATA
RF performance at Tmb =25
°C.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
MODE OF
OPERATION
f
(MHz)
VS
(V)
VC
(V)
PL
(dBm)
Gp
(dB)
η
(%)
ZS, ZL
(
Ω)
Pulsed;
δ =2:8
880 to 915
3.6
≤2.2
typ. 35.5
typ. 35.5
47
50
1710 to 1785
3.6
≤2.2
typ. 33.5
typ. 33.5
40
50
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VS1, VS2
DC supply voltage
VC1,2 =0; RFIN =off
−
7V
VC1,2 > 0.5 V; RFIN =on
−
5.5
V
VC1, VC2
DC control voltage
−
3V
PD1, PD2
input drive power
−
10
mW
PL1
load power 1
−
4W
PL2
load power 2
−
3W
Tstg
storage temperature
−40
+100
°C
Tmb
operating mounting base temperature
−30
+100
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com