Electronic Components Datasheet Search
  English  ▼

X  

CDMC60D28T150NP-R10MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDMC60D28T150NP-R10MC
Description  Low-Profile High Current Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDMC60D28T150NP-R10MC Datasheet(HTML) 2 Page - Sumida Corporation

  CDMC60D28T150NP-R10MC Datasheet HTML 1Page - Sumida Corporation CDMC60D28T150NP-R10MC Datasheet HTML 2Page - Sumida Corporation CDMC60D28T150NP-R10MC Datasheet HTML 3Page - Sumida Corporation CDMC60D28T150NP-R10MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Low-Profile High Current Power Inductor
CDMC60D28/T150
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 2 of 4
Ver.1.0 (April 1, 2018)
www.sumida.com
Electrical Characteristics
Part No.
Inductance(
μ
H) (±20%)
※1
D.C.R.
(m
Ω )
(±10%)
Saturation Current (A)
※2
Temperature Rise
Current (A) ※3
at 20℃
at 110℃
at 150℃
CDMC60D28T150NP-R10MC
0.10±20%
1.70
80.0
79.0
78.0
26.0
CDMC60D28T150NP-R15MC
0.15±20%
2.20
73.0
71.0
70.0
21.3
CDMC60D28T150NP-R22MC
0.22±20%
2.80
57.0
56.5
56.0
19.0
CDMC60D28T150NP-R33MC
0.33±20%
3.60
43.5
43.0
42.5
16.6
CDMC60D28T150NP-R47MC
0.47±20%
4.40
36.5
36.0
35.8
15.1
CDMC60D28T150NP-R68MC
0.68±20%
6.30
30.5
30.0
29.5
12.9
CDMC60D28T150NP-R82MC
0.82±20%
7.20
28.0
27.8
27.5
11.5
CDMC60D28T150NP-1R0MC
1.0±20%
9.00
24.0
23.8
23.5
10.6
CDMC60D28T150NP-1R5MC
1.5±20%
16.3
23.0
22.8
22.5
7.6
CDMC60D28T150NP-2R2MC
2.2±20%
24.9
19.0
18.5
18.0
6.2
CDMC60D28T150NP-3R3MC
3.3±20%
33.1
16.6
16.4
16.2
5.4
CDMC60D28T150NP-4R7MC
4.7±20%
45.9
11.1
11.0
10.9
4.4
CDMC60D28T150NP-6R8MC
6.8±20%
73.4
9.3
9.2
9.1
3.5
CDMC60D28T150NP-8R2MC
8.2±20%
86.9
9.8
9.7
9.6
3.3
CDMC60D28T150NP-100MC
10.0±20%
102.3
9.3
9.2
9.1
3.0
※1 Measuring frequency at 100kHz, 0.1V
※2 Saturation current: This indicates the actual value of D.C. current when the inductance becomes 20%lower than its initial value.
※3 Temperature rise current: The actualvalue of D.C, current when the temperature of coil becomes ⊿T=40℃. (Ta=20℃)
Note: Please note that when using the product while applying current with audio-frequency (AF) signals may results in audible noises
due to magnetostriction. Also, in order to avoid an audible noise problem, operating with non-AF signals would be recommended.
The noise amplify depending on the coil mount area on the PCB.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com