Electronic Components Datasheet Search
  English  ▼

X  

THCV214 Datasheet(PDF) 3 Page - THine Electronics, Inc.

Part # THCV214
Description  LVDS SerDes transmitter and receiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV214 Datasheet(HTML) 3 Page - THine Electronics, Inc.

  THCV214 Datasheet HTML 1Page - THine Electronics, Inc. THCV214 Datasheet HTML 2Page - THine Electronics, Inc. THCV214 Datasheet HTML 3Page - THine Electronics, Inc. THCV214 Datasheet HTML 4Page - THine Electronics, Inc. THCV214 Datasheet HTML 5Page - THine Electronics, Inc. THCV214 Datasheet HTML 6Page - THine Electronics, Inc. THCV214 Datasheet HTML 7Page - THine Electronics, Inc. THCV214 Datasheet HTML 8Page - THine Electronics, Inc. THCV214 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
THCV213-214_Rev.2.40_E
Copyright©2014 THine Electronics, Inc.
THine Electronics, Inc.
3/19
PIN Description
THCV213 Pin Description
PIN Name
PIN No
Type
Description
TXOUT1-,TXOUT1+ 20, 19
LVDSOUT
LVDS output.
TXOUT2-,TXOUT2+ 16, 15
LVDSOUT
LVDS output for Dual Display mode.
Identical to TXOUT1+/-.
Hi-Z when Normal operation.
D0-D17
32, 33, 34, 35,
37, 38, 39, 40,
41, 43, 44, 45,
46, 47, 1, 2, 3, 4
IN
Data input.
Active if input DE=High
SYNC2-SYNC0
27, 28, 29
IN
Sync input.
Active if input DE =Low.
Input sync data pulse must be wider than or equal to
two input clock periods.
DE
30
IN
Data Enable (DE) input.
Refer to Table2 for requirements.
CLKIN
6
IN
Clock input.
5 MHz to 40MHz.
PDWN
10
IN
H: Normal operation.
L: Power Down, TXOUT1+/-, (TXOUT2+/-) are
Hi-Z.
EDGE
23
IN
Input clock triggering edge select.
H: Rise edge, L: Fall edge.
PRE0, PRE1
11, 12
IN
Select the level of pre-emphasis.
PRE1
PRE0
Description
L
L
w/o Pre-Emphasis
L
H
w/ 25% Pre-Emphasis
H
L
w/ 50% Pre-Emphasis
H
H
w/ 100% Pre-Emphasis
INIT
25
IN
H: Triggers SYNC pattern output fromTXOUT1+/-
and (TXOUT2+/-), normally used in Shake
Hand mode.
L: Normal operation.
DUAL
9
IN
H: Dual Display mode
Both TXOUT1+/- and TXOUT2+/- enabled.
L: Normal operation
Only TXOUT1+/- enabled.
PRBS
8
IN
H: Internal test pattern generator is enabled.
Pseudo-Random Bit Sequence (PRBS) is
generated and is fed into input data latches.
Normally used for debug.
L: Normal operation.
VDD
7, 26, 36, 48
Power
Power supply pins for digital circuitry.
GND
5, 22, 24, 31, 42
Power
Ground pins for digital circuitry.
LVDSVDD
17
Power
Power supply pin for LVDS output.
LVDSGND
18, 21
Power
Ground pins for LVDS output.
PLLVDD
13
Power
Power supply pin for PLL circuitry.
PLLGND
14
Power
Ground pin for PLL circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com