Electronic Components Datasheet Search
  English  ▼

X  

THCV219 Datasheet(PDF) 13 Page - THine Electronics, Inc.

Part # THCV219
Description  V-by-One HS High-speed video data transmitter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV219 Datasheet(HTML) 13 Page - THine Electronics, Inc.

Back Button THCV219 Datasheet HTML 9Page - THine Electronics, Inc. THCV219 Datasheet HTML 10Page - THine Electronics, Inc. THCV219 Datasheet HTML 11Page - THine Electronics, Inc. THCV219 Datasheet HTML 12Page - THine Electronics, Inc. THCV219 Datasheet HTML 13Page - THine Electronics, Inc. THCV219 Datasheet HTML 14Page - THine Electronics, Inc. THCV219 Datasheet HTML 15Page - THine Electronics, Inc. THCV219 Datasheet HTML 16Page - THine Electronics, Inc. THCV219 Datasheet HTML 17Page - THine Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
THCV219_Rev.2.30_E
Copyright©2017 THine Electronics, Inc.
THine Electronics, Inc.
Security E
13/17
TXp
RXp
TXn
RXn
Vbias
Zdiff=100ohm
C=75~
200nF
50ohm
GND
THCV219
V-by-One® HS Rx
CML
Transmitter
CML Receiver
50ohm
CAP
C=75~
200nF
Figure 10. CML buffer scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com