Electronic Components Datasheet Search
  English  ▼

X  

FA10886 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FA10886
Description  ~13째 spot beam optimized for Osram Golden Dragon . Assembly with holder and installation tape.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FA10886 Datasheet(HTML) 1 Page - Ledil, Inc.

  FA10886 Datasheet HTML 1Page - Ledil, Inc. FA10886 Datasheet HTML 2Page - Ledil, Inc. FA10886 Datasheet HTML 3Page - Ledil, Inc. FA10886 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
FA10886_TINA-RS
TINA-RS
~13° spot beam optimized for Osram Golden
Dragon . Assembly with holder and installation
tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 16.1 mm
Height
10.1 mm
Fastening
tape
Colour
white
Box size
Box weight
4.1 kg
Quantity in Box
2016 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
TINA-O-PLUS-RS
Lens
PMMA
clear
TINA-O-PLUS-H-TAPE-WHT
Holder
PC
white
TINA-TAPE3
Tape
PU tape
black
Last update: 16/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FA10886

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10886 LEDIL-FA10886 Datasheet
216Kb / 4P
Tina Assembly
More results

Similar Description - FA10886

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10561 LEDIL-CA10561_18 Datasheet
2Mb / 4P
~11째 spot beam optimized for Osram Golden Dragon . Assembly with white holder.
FA10299 LEDIL-FA10299_18 Datasheet
3Mb / 4P
~11째 spot beam optimized for Osram Golden Dragon . Assembly with white holder.
FA10300 LEDIL-FA10300_18 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for Osram Golden Dragon . Assembly with white holder.
FA10327 LEDIL-FA10327_18 Datasheet
3Mb / 4P
~15째 smooth spot beam optimized for Osram Golden Dragon . Assembly with white holder and installation tape.
FA10888 LEDIL-FA10888_18 Datasheet
3Mb / 4P
~13째 spot beam optimized for Nichia NS6x83. Assembly with holder and installation tape.
FA11199 LEDIL-FA11199_18 Datasheet
3Mb / 4P
~35째 x 15째 oval beam optimized for Osram Golden Dragon . Assembly with holder and installation tape.
FA11208 LEDIL-FA11208_18 Datasheet
3Mb / 6P
~13째 spot beam. Assembly with holder and installation tape.
FA11212 LEDIL-FA11212_18 Datasheet
3Mb / 5P
~13째 spot beam optimized for LUXEON Rebel. Assembly with holder and installation tape.
FA10751 LEDIL-FA10751_18 Datasheet
3Mb / 4P
~9.6째 spot beam optimized for Osram Golden Dragon . 14.6 mm high assembly with installation tape.
FA10753 LEDIL-FA10753_18 Datasheet
3Mb / 4P
~14째 diffused spot beam optimized for Osram Golden Dragon . 14.6 mm high assembly with installation tape.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com