Electronic Components Datasheet Search
  English  ▼

X  

THCV234 Datasheet(PDF) 21 Page - THine Electronics, Inc.

Part # THCV234
Description  V-by-One HS High-speed video data transmitter and receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV234 Datasheet(HTML) 21 Page - THine Electronics, Inc.

Back Button THCV234 Datasheet HTML 17Page - THine Electronics, Inc. THCV234 Datasheet HTML 18Page - THine Electronics, Inc. THCV234 Datasheet HTML 19Page - THine Electronics, Inc. THCV234 Datasheet HTML 20Page - THine Electronics, Inc. THCV234 Datasheet HTML 21Page - THine Electronics, Inc. THCV234 Datasheet HTML 22Page - THine Electronics, Inc. THCV234 Datasheet HTML 23Page - THine Electronics, Inc. THCV234 Datasheet HTML 24Page - THine Electronics, Inc. THCV234 Datasheet HTML 25Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
THCV233-THCV234_Rev.3.10_E
Copyright©2018 THine Electronics, Inc.
THine Electronics, Inc.
Security E
21/34
10. Electrical Specifications
DC Specifications
Table 19 THCV233 and THCV234 3.3V CMOS DC Specifications
Table 20 THCV233 LVDS, CML DC Specifications
Table 21 THCV234 LVDS, CML DC Specifications
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VIH
High Level Input Voltage
I,BPU
2.1
-
VDH
V
VIL
Low Level Input Voltage
I,BPU
0
-
0.7
V
VOH
High Level Output Voltage
O IOH=-8mA
2.4
-
VDH
V
O IOL=8mA
-
-
0.4
V
O,BPU IOL=4mA
-
-
0.4
V
IIH
Input Leak Current High
VIN=VDH
-10
-
+10
uA
IIL
Input Leak Current Low
VIN=GND
-10
-
+10
uA
VOL
Low Level Output Voltage
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VTTH
LVDS Differential Input High Threshold
-
-
-
100
mV
VTTL
LVDS Differential Input Low Threshold
-
-100
-
-
mV
ITIH
LVDS Input Leak Current High
TLx+/-=VDH, PDN=L
x=A~E,CLK
-
-
±10
uA
ITIL
LVDS Input Leak Current Low
TLx+/-=GND, PDN=L
x=A~E,CLK
-
-
±10
uA
RTIN
LVDS Differential Input Resistance
PDN=L
80
100
120
Ω
VTOD
CML Differential Mode Output Voltage
-
200
300
400
mV
PRE=L
-
0
-
%
PRE=H
80
100
120
%
PRE=L
mV
PRE=H
mV
ITOH
CML Output Leak Current High
PDN=L
-
-
±10
uA
ITOS
CML Output Short Circuit Current
VDL=1.8V
-90
-
-
mA
PRE
CML Pre-emphasis Level
VTOC
CML Common Mode Output Voltage
VDL-VTOD
VDL-2×VTOD
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VRTH
CML Differential Input High Threshold
-
-
-
50
mV
VRTL
CML Differential Input Low Threshold
-
-50
-
-
mV
IRIH
CML Input Leak Current High
PDN=L, RXnP/N=VDL
n=0,1
-
-
±10
uA
IRIL
CML Input Leak Current Low
PDN=L, RXnP/N=GND
n=0,1
-
-
±10
uA
IRRIH
CML Input Current High
RXnP/N=VDL, n=0,1
-
-
2
mA
IRRIL
CML Input Current Low
RXnP/N=GND, n=0,1
-6
-
-
mA
RRIN
CML Differential Input Resistance
-
80
100
120
Ω
LVDS Differential Mode Output Voltage
(Normal Swing)
RL=100Ω, RS=H
250
350
450
mV
LVDS Differential Mode Output Voltage
(Reduced Swing)
RL=100Ω, RS=L
100
200
300
mV
ΔVROD
Change in VROD between
Complementary Output States
RL=100Ω
-
-
35
mV
VROC
LVDS Common Mode Output Voltage
RL=100Ω
1.125
1.25
1.375
V
ΔVROC
Change in VROC between
Complementary Output States
RL=100Ω
-
-
35
mV
IROS
LVDS Output Short Circuit Current
RLx+/-=GND
-30
-
-
mA
IROZ
LVDS Output TRI-STATE Current
PDN=L,
RLx+/-=GND, VDH
x=A~E,CLK
-
-
±10
uA
VROD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com