Electronic Components Datasheet Search
  English  ▼

X  

BYV32 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BYV32
Description  Dual Ultrafast Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYV32 Datasheet(HTML) 2 Page - Vishay Siliconix

  BYV32 Datasheet HTML 1Page - Vishay Siliconix BYV32 Datasheet HTML 2Page - Vishay Siliconix BYV32 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BYV32, BYVF32 & BYVB32 Series
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88558
2
26-Mar-03
Maximum Ratings (TC = 25°C unless otherwise noted)
Parameter
Symbol
BYV32-50 BYV32-100 BYV32-150 BYV32-200
Unit
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
V
Maximum RMS voltage
VRMS
35
70
105
140
V
Maximum DC blocking voltage
VDC
50
100
150
200
V
Maximum average forward rectified current at TC = 125°C
IF(AV)
18
A
Peak forward surge current
8.3ms single half sine-wave superimposed
IFSM
150
A
on rated load (JEDEC Method) per leg
Operating junction and storage temperature range
TJ, TSTG
–65 to +150
°C
RMS Isolation voltage (BYVF type only) from terminals to
4500 (1)
heatsink with t = 1.0 second, RH
≤ 30%
VISOL
3500 (2)
V
1500 (3)
Electrical Characteristics (TC = 25°C unless otherwise noted)
Parameter
Symbol
BYV32-50 BYV32-100 BYV32-150 BYV32-200
Unit
Maximum instantaneous forward voltage per leg at: (4)
at IF = 20A
VF
1.15
V
at IF = 5.0A, TJ = 100°C
0.85
Maximum DC reverse current per leg
TJ = 25°C
10
at rated DC blocking voltage
TJ = 100°C
IR
600
µA
Maximum reverse recovery time per leg at
IF = 1A, VR = 30V, di/dt = 100A/
µs, Irr = 10% IRM
trr
25
ns
Typical junction capacitance per leg at 4V, 1MHz
CJ
45
pF
Thermal Characteristics (TC = 25°C unless otherwise noted)
Parameter
Symbol
BYV
BYVF
BYVB
Unit
Thermal resistance from junction to case per leg
R
ΘJC
1.6
5.0
1.6
°C/W
Notes:
(1) Clip mounting (on case), where lead does not overlap heatsink with 0.110” offset
(2) Clip mounting (on case), where leads do overlap heatsink
(3) Screw mounting with 4-40 screw, where washer diameter is
≤ 4.9mm (0.19”)
(4) Pulse test: 300µs pulse width, 1% duty cycle



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com