Electronic Components Datasheet Search
  English  ▼

X  

BYVB32 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BYVB32
Description  Dual Ultrafast Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYVB32 Datasheet(HTML) 1 Page - Vishay Siliconix

  BYVB32 Datasheet HTML 1Page - Vishay Siliconix BYVB32 Datasheet HTML 2Page - Vishay Siliconix BYVB32 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BYV32, BYVF32 & BYVB32 Series
Vishay Semiconductors
formerly General Semiconductor
Document Number 88558
www.vishay.com
26-Mar-03
1
Dual Ultrafast Rectifiers
Reverse Voltage 50 to 200V
Forward Current 18A
Reverse Recovery Time 25ns
0.08
(2.032)
0.24
(6.096)
0.42
(10.66)
0.63
(17.02)
0.12
(3.05)
0.33
(8.38)
Mounting Pad Layout TO-263AB
0.380 (9.65)
0.411 (10.45)
0.320 (8.13)
0.360 (9.14)
0.591 (15.00)
0.624 (15.85)
1
2
0.245 (6.22)
MIN
K
K
0.160 (4.06)
0.190 (4.83)
0.045 (1.14)
0.055 (1.40)
0.014 (0.36)
0.021 (0.53)
0.110 (2.79)
0.140 (3.56)
0.090 (2.29)
0.110 (2.79)
0.047 (1.19)
0.055 (1.40)
PIN 1
PIN 2
K - HEATSINK
0-0.01 (0-0.254)
0.027 (0.686)
0.037 (0.940)
0.105 (2.67)
0.095 (2.41)
0.205 (5.20)
0.195 (4.95)
1
3
PIN
2
0.060 (1.52)
0.405 (10.27)
0.383 (9.72)
0.191 (4.85)
0.171 (4.35)
0.600 (15.5)
0.580 (14.5)
0.560 (14.22)
0.530 (13.46)
0.037 (0.94)
0.027 (0.69)
0.140 (3.56)
0.130 (3.30)
0.350 (8.89)
0.330 (8.38)
0.188 (4.77)
0.172 (4.36)
0.110 (2.80)
0.100 (2.54)
0.131 (3.39)
0.122 (3.08)
0.110 (2.80)
0.100 (2.54)
0.022 (0.55)
0.014 (0.36)
DIA.
DIA.
0.676 (17.2)
0.646 (16.4)
0.205 (5.20)
0.195 (4.95)
0.105 (2.67)
0.095 (2.41)
PIN 2
PIN 1
PIN 3
ITO-220AB (BYVF32 Series)
TO-220AB (BYV32 Series)
Dimensions in inches
and (millimeters)
TO-263AB (BYVB32 Series)
12
3
PIN
0.185 (4.70)
0.175 (4.44)
0.055 (1.39)
0.045 (1.14)
0.145 (3.68)
0.135 (3.43)
0.350 (8.89)
0.330 (8.38)
0.560 (14.22)
0.530 (13.46)
0.022 (0.56)
0.014 (0.36)
0.110 (2.79)
0.100 (2.54)
0.603 (15.32)
0.573 (14.55)
CASE
1.148 (29.16)
1.118 (28.40)
PIN 2
0.154 (3.91)
0.148 (3.74)
0.113 (2.87)
0.103 (2.62)
0.160 (4.06)
0.140 (3.56)
0.410 (10.41)
0.390 (9.91)
0.635 (16.13)
0.625 (15.87)
0.415 (10.54) MAX.
0.370 (9.40)
0.360 (9.14)
PIN 1
PIN 3
0.028 (0.70)
0.104 (2.65)
0.096 (2.45)
0.035 (0.90)
0.205 (5.20)
0.195 (4.95)
0.105 (2.67)
0.095 (2.41)
Features
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
• Dual rectifier construction, positive centertap
• Glass passivated chip junctions
• Low power loss
• Low forward voltage, high current capability
• High surge current capability
• Superfast recovery times for high efficiency
Mechanical Data
Case: JEDEC TO-220AB, ITO-220AB & TO-263AB
molded plastic body
Terminals: Plated leads, solderable per
MIL-STD-750, Method 2026
High temperature soldering guaranteed:
250°C, 0.16" (4.06mm) from case for 10 seconds
Polarity: As marked Mounting Position: Any
Mounting Torque: 10 in-lbs maximum
Weight: 0.08 oz., 2.24 g


Similar Part No. - BYVB32

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BYVB32-100 GE-BYVB32-100 Datasheet
84Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
logo
Inchange Semiconductor ...
BYVB32-100 ISC-BYVB32-100 Datasheet
349Kb / 2P
Ultrafast Power Diode
logo
Vishay Siliconix
BYVB32-100-E3 VISHAY-BYVB32-100-E3 Datasheet
146Kb / 5P
Dual Common-Cathode Ultrafast Rectifier
05-May-08
logo
General Semiconductor
BYVB32-150 GE-BYVB32-150 Datasheet
84Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
logo
Inchange Semiconductor ...
BYVB32-150 ISC-BYVB32-150 Datasheet
349Kb / 2P
Ultrafast Power Diode
More results

Similar Description - BYVB32

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
U10C05 MOSPEC-U10C05 Datasheet
167Kb / 2P
Switchmode Dual Ultrafast Power Rectifiers
logo
EIC discrete Semiconduc...
BYV29F EIC-BYV29F Datasheet
44Kb / 2P
Dual Ultrafast Plastic Rectifiers
BYVF32 EIC-BYVF32 Datasheet
46Kb / 2P
Dual Ultrafast Plastic Rectifiers
MURF1005CT EIC-MURF1005CT Datasheet
38Kb / 2P
Dual Ultrafast Plastic Rectifiers
MURF1620CT EIC-MURF1620CT Datasheet
44Kb / 2P
Dual Ultrafast Plastic Rectifiers
FEP30AP EIC-FEP30AP Datasheet
123Kb / 2P
Dual Ultrafast Plastic Rectifiers
logo
KODENSHI_AUK CORP.
SF10A300HPR KODENSHI-SF10A300HPR Datasheet
289Kb / 5P
300V, 10A ULTRAFAST DUAL RECTIFIERS
SF20A400HPR KODENSHI-SF20A400HPR Datasheet
313Kb / 5P
400V, 20A ULTRAFAST DUAL RECTIFIERS
SF20A600HPI KODENSHI-SF20A600HPI Datasheet
297Kb / 5P
600V, 20A ULTRAFAST DUAL RECTIFIERS
SF20D600D2 KODENSHI-SF20D600D2 Datasheet
255Kb / 5P
600V, 20A ULTRAFAST DUAL RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com