Electronic Components Datasheet Search
  English  ▼

X  

COP681C Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP681C
Description  Microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP681C Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button COP681C Datasheet HTML 12Page - National Semiconductor (TI) COP681C Datasheet HTML 13Page - National Semiconductor (TI) COP681C Datasheet HTML 14Page - National Semiconductor (TI) COP681C Datasheet HTML 15Page - National Semiconductor (TI) COP681C Datasheet HTML 16Page - National Semiconductor (TI) COP681C Datasheet HTML 17Page - National Semiconductor (TI) COP681C Datasheet HTML 18Page - National Semiconductor (TI) COP681C Datasheet HTML 19Page - National Semiconductor (TI) COP681C Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Functional Description (Continued)
TABLE V Timer Operating Modes
CNTRL
Timer
Bits
Operation Mode
T Interrupt
Counts
765
On
0 0 0
External Counter WAuto-Load Reg
Timer Underflow
TIO Pos Edge
0 0 1
External Counter WAuto-Load Reg
Timer Underflow
TIO Neg Edge
0 1 0
Not Allowed
Not Allowed
Not Allowed
0 1 1
Not Allowed
Not Allowed
Not Allowed
1 0 0
Timer WAuto-Load Reg
Timer Underflow
tC
1 0 1
Timer WAuto-Load RegToggle TIO Out
Timer Underflow
tC
1 1 0
Timer WCapture Register
TIO Pos Edge
tC
1 1 1
Timer WCapture Register
TIO Neg Edge
tC
TLDD10802 – 11
FIGURE 9 TimerCounter Auto
Reload Mode Block Diagram
TLDD10802 – 12
FIGURE 10 Timer Capture Mode Block Diagram
TIMER PWM APPLICATION
Figure 11 shows how a minimal component DA converter
can be built out of the Timer-Register pair in the Auto-Re-
load mode The timer is placed in the ‘‘Timer with auto re-
load’’ mode and the TIO pin is selected as the timer output
At the outset the TIO pin is set high the timer T1 holds the
on time and the register R1 holds the signal off time Setting
TRUN bit starts the timer which counts down at the instruc-
tion cycle rate The underflow toggles the TIO output and
copies the off time into the timer which continues to run By
alternately loading in the on time and the off time at each
successive interrupt a PWM frequency can be easily gener-
ated
TLDD10802 – 13
FIGURE 11 Timer Application
http
www nationalcom
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com