| Electronic Components Datasheet Search |
|
COP882C Datasheet(PDF) 17 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
COP882C Datasheet(HTML) 17 Page - National Semiconductor (TI) |
|
17 / 30 page ![]() Control Registers CNTRL REGISTER (ADDRESS X’00EE) The Timer and MICROWIREPLUS control register contains the following bits SL1 SL0 Select the MICROWIREPLUS clock divide-by IEDG External interrupt edge polarity select (0 e rising edge 1 e falling edge) MSEL Enable MICROWIREPLUS functions SO and SK TRUN StartStop the TimerCounter (1 e run 0 e stop) TC3 Timer input edge polarity select (0 e rising edge 1 e falling edge) TC2 Selects the capture mode TC1 Selects the timer mode TC1 TC2 TC3 TRUN MSEL IEDG SL1 SL0 BIT 7 BIT 0 PSW REGISTER (ADDRESS X’00EF) The PSW register contains the following select bits GIE Global interrupt enable ENI External interrupt enable BUSY MICROWIREPLUS busy shifting IPND External interrupt pending ENTI Timer interrupt enable TPND Timer interrupt pending C Carry Flag HC Half carry Flag HC C TPND ENTI IPND BUSY ENI GIE Bit 7 Bit 0 Addressing Modes REGISTER INDIRECT This is the ‘‘normal’’ mode of addressing The operand is the memory addressed by the B register or X register DIRECT The instruction contains an 8-bit address field that directly points to the data memory for the operand IMMEDIATE The instruction contains an 8-bit immediate field as the op- erand REGISTER INDIRECT (AUTO INCREMENT AND DECREMENT) This is a register indirect mode that automatically incre- ments or decrements the B or X register after executing the instruction RELATIVE This mode is used for the JP instruction the instruction field is added to the program counter to get the new program location JP has a range of from b31 to a32 to allow a one byte relative jump (JP a 1 is implemented by a NOP instruc- tion) There are no ‘pages’ when using JP all 15 bits of PC are used Memory Map All RAM ports and registers (except A and PC) are mapped into data memory address space Address Contents 00 to 6F On Chip RAM Bytes 70 to 7F Unused RAM Address Space (Reads as all Ones) 80 to BF Expansion Space for future use C0 to CF Expansion Space for IO and Registers D0 to DF On Chip IO and Registers D0 Port L Data Register D1 Port L Configuration Register D2 Port L Input Pins (Read Only) D3 Reserved for Port L D4 Port G Data Register D5 Port G Configuration Register D6 Port G Input Pins (Read Only) D7 Port I Input Pins (Read Only) D8 Port C Data Register D9 Port C Configuration Register DA Port C Input Pins (Read Only) DB Reserved for Port C DC Port D Data Register DD – DF Reserved for Port D E0 to EF On Chip Functions and Registers E0 – E7 Reserved for Future Parts E8 Reserved E9 MICROWIREPLUS Shift Register EA Timer Lower Byte EB Timer Upper Byte EC Timer Autoload Register Lower Byte ED Timer Autoload Register Upper Byte EE CNTRL Control Register EF PSW Register F0 to FF On Chip RAM Mapped as Registers FC X Register FD SP Register FE B Register Reading unused memory locations below 7FH will return all ones Reading other unused memory locations will return undefined data http www nationalcom 17 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |