Electronic Components Datasheet Search
  English  ▼

X  

HABTA13 Datasheet(PDF) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # HABTA13
Description  GENERAL PURPOSE TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

HABTA13 Datasheet(HTML) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  HABTA13 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HABTA13 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HABTA13 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HABTA13 Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HABTA13 Datasheet HTML 5Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©GUANGDONG HOTTECH INDUSTRIAL CO.,LTD
E-mail:hkt@heketai.com
2 / 5
HABTA13(NPN)
GENERAL PURPOSE TRANSISTOR
Typical Characteristics
F IG .1 Nois e Voltage
f, FREQUENCY (Hz)
50
100
200
500
20
F IG .2 Nois e C urrent
f, FREQUENCY (H z)
5.0
10
10
20
50 100 200 500 1k 2k
5k 10k 20k 50k 10
0k
2.0
1.0
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
BANDWIDTH = 1.0 Hz
RS 0
IC = 1.0 m A
100mA
10mA
BANDWIDTH = 1.0 Hz
IC = 1.0 mA
100mA
10 mA
10 20
50 100 200 500 1k 2k
5k 10k 20k 50k 100k
@
F IG .3 Total Wideband Nois e Voltage
RS, SOURCE RESISTANCE (kW)
F IG .4 W ideband Nois e F igure
RS, SOURCE RESISTANCE (kW)
50
70
100
200
30
10
20
1.0
2.0
5.0
10
20
50
100
200
500
10
00
BANDWIDTH = 10 Hz TO 15.7 kHz
IC =10 mA
100mA
1.0 mA
8.0
10
12
14
6.0
0
4.0
1.0
2.0
5.0
10
20
50
100
200
500
1000
2.0
BANDWIDTH = 10 Hz TO 15.7 kHz
10 mA
100 mA
IC =1.0 mA
F IG .5 C apac itanc e
VR, REVERSE VOLTAGE (VOLTS)
5.0
7.0
10
20
3.0
F IG .6 High F requenc y C urrent G ain
IC, COLLECTOR CURRENT (mA)
2.0
0.04
4.0
2.0
1.0
0.8
0.6
0.4
0.2
TJ =25 C
0.1
0.2
0.4
1.0
2.0
4.0
10
20
40
Cibo
Cobo
0.5
1.0
2.0
0.5
10
20
50
100 200
500
VCE =5.0 V
f = 100 MHz
TJ =25 C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com