Electronic Components Datasheet Search
  English  ▼

X  

CEP99 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CEP99
Description  DA1522-306
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CEP99 Datasheet(HTML) 1 Page - Sumida Corporation

  CEP99 Datasheet HTML 1Page - Sumida Corporation CEP99 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CEP99 / CEP99B
Rev 2.0 (7 Feb. 2017)
www.sumida.com
Page 1 of 1
◆ Outline
 Pulse transformer for Automobiles.
◆ Application
 Battery management system of automobiles
◆ Features
 SMD Type and 9mm square.
 High withstand Voltage
: 2,500Vrms
 Operating temperature
: - 40deg. ~ +125deg.
◆ Specifications
◆ Dimension & Circuit
(mm)
◆ Land Patterns
(mm)
Item
Specification
Testing condition
CEP99
CEP99B
Part name
CEP99P
CEP99P2
CEP99-102
CEP99B-272
Inductance
(1-4)
Min.45
μH
Min.75
μH
Min.618
μH
Min.1.62 mH
10 kHz,
20mV
Stray
Capacitance
(1-4)
Max.6.6 pF
Max.3.2 pF
Max.5.2 pF
Max.11.5 pF
CEP99P
: 30MHz,
20mV
CEP99P2
: 20MHz,
20mV
CEP99-102
: 10MHz,
20mV
CEP99B-272 :
5MHz,
20mV
Interwinding
Capacitance
(1-4:5-8)
Max.1.8 pF
Max.2.0 pF
Max.2.5 pF
Max.2.5 pF
CEP99P
: 100 kHz,
20mV
CEP99P2
: 100 kHz,
20mV
CEP99-102
: 10kHz,
20mV
CEP99B -272 : 100 kHz,
20mV
Leakage Inductance
(1-4)
Max.2.3
μH
Max.3.3
μH
Max.28.6
μH
Max.67.6
μH
CEP99P
: 100 kHz, 20mV,(5~8)short
CEP99P2
: 100 kHz, 20mV,(5~8)short
CEP99-102
: 10kHz, 20mV,(5~8)short
CEP99B-272 : 100 kHz, 20mV,(5~8)short
D.C.R.
(1-4)
Max.0.39 ohm
Max.0.53 ohm
Max.1.34 ohm
Max.2.06 ohm
at
20 deg.
Withstand Voltage
(1-4:5-8)
AC2,500V,
60sec
0.5mA, 50Hz/60Hz
Turn Ratio
(1-4:5-8)
1:1
-
2.5
Max.9.7
Max.10.0
0.5
(2,3) and (6,7)
Pattern short
Bottom view


Similar Part No. - CEP99

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CEP99 SUMIDA-CEP99 Datasheet
181Kb / 1P
Battery management system of automobiles
CEP99B SUMIDA-CEP99B Datasheet
181Kb / 1P
Battery management system of automobiles
More results

Similar Description - CEP99

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAPL2214YA1 EVERLIGHT-EAPL2214YA1 Datasheet
334Kb / 9P
Mini Top View LEDs
Apr.30.2014
logo
EDAC, All Rights Reserv...
306-006-400-101 EDAC-306-006-400-101 Datasheet
129Kb / 2P
306 Series,Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height
306-006-420-104 EDAC-306-006-420-104 Datasheet
129Kb / 2P
306 Series,Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height
306-006-421-101 EDAC-306-006-421-101 Datasheet
128Kb / 2P
306 Series,Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height
306-006-421-107 EDAC-306-006-421-107 Datasheet
129Kb / 2P
306 Series,Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height
306-006-521-112 EDAC-306-006-521-112 Datasheet
130Kb / 2P
306 Series,Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height
306-007-400-101 EDAC-306-007-400-101 Datasheet
130Kb / 2P
306 Series,Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height
306-007-400-112 EDAC-306-007-400-112 Datasheet
131Kb / 2P
306 Series,Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height
306-007-420-103 EDAC-306-007-420-103 Datasheet
132Kb / 2P
306 Series,Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height
306-007-420-104 EDAC-306-007-420-104 Datasheet
130Kb / 2P
306 Series,Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com