Electronic Components Datasheet Search
  English  ▼

X  

J152 Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # J152
Description  Switching capacity up to 10A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

J152 Datasheet(HTML) 2 Page - CIT Relay & Switch

  J152 Datasheet HTML 1Page - CIT Relay & Switch J152 Datasheet HTML 2Page - CIT Relay & Switch J152 Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
J152
page 2
General Data*
Ordering Information
1. Series
J152
3C
T
12VDC
J152
2. Contact Arrangement
2A, 2B, 2C
3A, 3B, 3C
4A, 4B, 4C
3. Termination
T = Solder lugs / Plug-in
F = Solder lugs / Plug-in with Flange
P = PCB Pins
4. Coil Voltage
12VDC
24VDC
110VDC
12VAC
24VAC
110VAC
120VAC
220VAC
5. Optional LED
Blank = No indicator LED
D = With indicator LED
6. Gold Option
Blank = Standard contacts
G = Gold over standard contacts
7. Push to Test Option
Blank = Without push to test button
T = With push to test button
Electrical Life @ rated load
500K cycles (2 pole), 200K cycles (3 pole), 100K (4 pole) average
Mechanical Life
20M cycles (2 pole), 10M cycles (3 & 4 pole), average
Insulation Resistance
100M Ω min. @ 500VDC initial
Dielectric Strength, Coil to Contact
1500V rms min. @ sea level initial
Contact to Contact
1500V rms min. @ sea level initial
Shock Resistance
100m/s2 for 11 ms
Vibration Resistance
1.27mm double amplitude 10~40Hz
Terminal (Copper Alloy) Strength
10N
Operating Temperature
-40oC to +85oC
Storage Temperature
-40oC to +155oC
Solderability
260oC for 5 s
Weight
32g
* Values can change due to the switching frequency, desired reliability levels, environmental conditions and in-rush load levels. It is recommended to test actual load conditions for the
application. It is the user’s responsibility to determine the performance suitability for their specific application. The use of any coil voltage less than the rated coil voltage may compromise
the operation of the relay.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com