Electronic Components Datasheet Search
  English  ▼

X  

NP3225SC Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part # NP3225SC
Description  Simple Packaged Crystal Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

NP3225SC Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

  NP3225SC Datasheet HTML 1Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal Oscillator
Item
Model
NP3225SC
Output Specification
HCSL
Nominal Frequency Range (MHz)
100 to 170
Overall Frequency Tolerance *1
Max. ±50 ×10-6
Operating Temperature Range (°C)
−40 to +85
Supply Voltage [VCC] (V)
+2.5 ± 5 %
+3.3 ± 10 %
Current
Consumption
Enable (mA)
Max. 50 (STAND-BY=VCC or OPEN, RL=50Ω)
Stand-by (μA)
Max. 15 (STAND-BY=GND)
Output Voltage (mV)
VOL : –150 to +150 (DC characteristics)
VOH : +660 to +850 (DC characteristics)
Rise Time / Fall Time (ns)
Max. 0.5 (0.175 to 0.525V)
Symmetry (%)
45 to 55 (at 50% Waveform)
Output Load [RL] (Ω)
50
Start-up Time (ms)
Max. 10
Phase Jitter (ps)
Max. 1 (Offset Frequency : 12kHz to 20MHz)
Specification Number
NSC5082A
NSC5082B
*1 : The frequency stability includes initial frequency tolerance, temperature variation, and supply variation.
■ Specifications
1803E_NP3225SC_e
NP3225SC
Simple Packaged Crystal Oscillator (SPXO)
For Computer, GPS for Automotive navigation system (PCIe) and
Amusement equipment (PCIe)
● Differential Output SPXO
● Compact dimension 3.2 × 2.5 × 0.9 mm
● Supply Voltage : +2.5V or +3.3V
● Output Specification : HCSL
● Excellent low phase jitter (Typ. 90fs @156.25MHz)
■ Features
■ Main Application
■ Dimensions
0.525V
0.175V
Tr
Tf
VOH
VOL
t
T
Symmetry = t/T × 100
[%]
■ Output waveform
#1 Input
#4 and #5 output
Level H (VIH ≥ 0.7 Vcc)
or OPEN
Oscillation output ON
Level L (VIL ≤ 0.3 Vcc)
High impedance
■ Standby Function Table (Three-state)
Please specify the model name, frequency, and specification number when
you order products.
For further questions regarding specifications, please feel free to contact us.
Absolute maximum rating
Supply Voltage (VCC) –0.3 to +4.0 V
Storage Temperature Range –55 to +125 °C
3.2±0.1
0.9
1.25
2.5
0.01F
0.8
Land pattern (Typical)
(2.34)
#1
#2
#3
#6
#5
#4
0.6±0.1
0.5±0.1
C0.30
mm
#1
#2
#3
STAND-BY
GND
NC
#4
#5
#6
OUTPUT
Vcc
OUTPUT
Terminal land connections


Similar Part No. - NP3225SC

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NP3225SC NDK-NP3225SC Datasheet
628Kb / 1P
For communication equipment for ISDN, SDH/SONET, WiMAX, etc. and Base-stations
More results

Similar Description - NP3225SC

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
7311S-GF NDK-7311S-GF Datasheet
88Kb / 1P
Simple Packaged Crystal Oscillator (SPXO)
7311S-GG NDK-7311S-GG Datasheet
87Kb / 1P
Simple Packaged Crystal Oscillator (SPXO)
7311S-DG NDK-7311S-DG Datasheet
87Kb / 1P
Simple Packaged Crystal Oscillator (SPXO)
NP5032SB NDK-NP5032SB Datasheet
635Kb / 2P
Simple Packaged Crystal Oscillator (SPXO)
NP3225SA NDK-NP3225SA_18 Datasheet
620Kb / 1P
Simple Packaged Crystal Oscillator
NP3225SB NDK-NP3225SB_18 Datasheet
625Kb / 1P
Simple Packaged Crystal Oscillator
NP5032SA NDK-NP5032SA_18 Datasheet
601Kb / 1P
Simple Packaged Crystal Oscillator
NP5032SB NDK-NP5032SB_18 Datasheet
606Kb / 1P
Simple Packaged Crystal Oscillator
NP5032SC NDK-NP5032SC_18 Datasheet
593Kb / 1P
Simple Packaged Crystal Oscillator
7311S-DF NDK-7311S-DF Datasheet
90Kb / 1P
Simple Packaged Crystal Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com