Electronic Components Datasheet Search
  English  ▼

X  

NT2016SA Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part # NT2016SA
Description  Temperature Compensated Crystal Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

NT2016SA Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

  NT2016SA Datasheet HTML 1Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal Oscillator
1803D_NT2016SA_GPS_e
Temperature Compensated Crystal Oscillator(TCXO)
for high-precision GPS
NT2016SA
Smartphone / Mobile phone, Wireless module, and GPS / GNSS module, etc.
■ Main Application
● A crystal oscillator with highly stable frequency / temperature characteristics best
suited for GPS.
● Supports low power supply voltage.
(Supports DC +1.7V to +3.3V. Standard specification : +1.8V)
● Ultra-compact and light with a height, cubic volume, and weight of Max. 0.8 mm,
0.0022 cm3, and 0.008 g, respectively.
● Low power consumption.
● A surface-mount crystal oscillator. (Reflow soldering is possible.)
● Lead-free. Meets the requirements for re-flow profiling using lead-free solder.
● With an AFC (Automatic Frequency Control) function. (Option)
● Conforms to AEC-Q100/200.
■ Features
Item
Model
NT2016SA
Nominal Frequency Range (MHz)
10 to 52
Standard Frequency (MHz)
16.368
16.369
19.2
26
33.6
38.4
52
Supply Voltage [VCC] (V)
+1.8
Load Impedance
10 kΩ//10 pF
Current Consumption (mA)
Max. 1.5
Max. 1.7
Max. 2.0
Output Voltage
Min. 0.8 V(p-p) (DC Coupling *1)
Frequency/Temperature Characteristics
Max. ±0.5×10–6
Operating Temperature Range (°C)
–30 to +85
Storage Temperature Range (°C)
–40 to +85
Frequency/Voltage Coefficient
Max. ±0.2×10–6/+1.8 V±5 %
Frequency/Load Coefficient
Max. ±0.2×10–6/(10 kΩ//10 pF) ±10 %
Long-term Frequency Stability
Max. ±1.0×10–6/year
Specification Number
NSA3506A NSA3506A NSA3506A NSA3506B NSA3506B NSA3506C NSA3506D
• Frequency setting conditions : Frequencies are set at normal temperatures (+25±2 °C).
Connect the #1 terminal of the oscillator to the ground that comes with the oscillator.
*1. A DC-cut capacitor is not embedded in this crystal oscillator. Connect a DC-cut capacitor (1,000 pF) to the line-out terminal of the oscillator.
■ Specifications
2.0 ± 0.1
1.2 ± 0.05
#1
#4
#2
#1
#2
#3
#4
#3
0.4 ± 0.1
mm
#1
#2
#3
#4
GND
OUTPUT
VCC
Terminal land connections
NC or GND
(ground recommended)
Land pattern (Typical)
1.2
0.6
0.6
■ Dimensions
Please specify the model name, frequency, and specification number when you order products.
For further questions regarding specifications, please feel free to contact us.


Similar Part No. - NT2016SA

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NT2016SA NDK-NT2016SA Datasheet
253Kb / 1P
Temperature-Compensated Crystal Oscillator with AFC Function (VC-TCXO) NT2016S Series
NT2016SA NDK-NT2016SA Datasheet
610Kb / 1P
Temperature Compensated Crystal Oscillator with AFC function
NT2016SA-16.368M-NSA3508A NDK-NT2016SA-16.368M-NSA3508A Datasheet
253Kb / 1P
Temperature-Compensated Crystal Oscillator with AFC Function (VC-TCXO) NT2016S Series
NT2016SA-16.369M-NSA3508A NDK-NT2016SA-16.369M-NSA3508A Datasheet
253Kb / 1P
Temperature-Compensated Crystal Oscillator with AFC Function (VC-TCXO) NT2016S Series
NT2016SA-19.2M-NSA3508A NDK-NT2016SA-19.2M-NSA3508A Datasheet
253Kb / 1P
Temperature-Compensated Crystal Oscillator with AFC Function (VC-TCXO) NT2016S Series
More results

Similar Description - NT2016SA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZC503 ETC1-ZC503 Datasheet
2Mb / 4P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
CSX-532T ETC1-CSX-532T Datasheet
110Kb / 1P
Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
Temperature Compensated Crystal Oscillator
logo
Vectron International, ...
TX-400 VECTRON-TX-400_10 Datasheet
363Kb / 5P
Temperature Compensated Crystal Oscillator
TX-703 VECTRON-TX-703 Datasheet
250Kb / 5P
Temperature Compensated Crystal Oscillator
TX-550 VECTRON-TX-550 Datasheet
435Kb / 6P
Temperature Compensated Crystal Oscillator
VT-822 VECTRON-VT-822 Datasheet
204Kb / 5P
Temperature Compensated Crystal Oscillator
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Vanlong Technology Co.,...
TO520 VANLONG-TO520_13 Datasheet
45Kb / 1P
Temperature Compensated Crystal Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com