Electronic Components Datasheet Search
  English  ▼

X  

DA0757 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DA0757
Description  GAAS 5 SECTION ATTENUATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DA0757 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DA0757 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NO.
DA0757
FEATURES
10 - 1000 MHz
2 dB LSB, 62 dB Range
32 nSec Switching Speed
18 nSec Transition Time
TTL Control
24 Pin DIP Surface Mount Version
See DA0857 for 24 Pin DIP Version
5 BIT
DA ICO
I ndustries
Rev. A / Iss. 1
FREQUENCY (MHz)
GaAs 5 Section Attenuator
.xx = .02
.xxx = .010
(FLANGE)
(LEAD)
.20
.015
.010
±.002
TYP
.77
.100 TYP
.053 R
TYP
112
13
24
PART
IDENTIFICATION
.015
±.002
TYP
.040
TYP
.60
TYP
.375 TYP
1.100
.100 TYP
1.36
1.560
COLOR BEAD
CONTRASTING
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
10
1000
MHz
DC Current
15
mA
At +5 VDC Supply
Control Type
TTL
5 Line
Logic “0” = Thru
Logic “1” = Attenuation
Control Current
High
0
±40 µA
VIH = +3.0 V
Low
0
±40 µA
VIL = +0.5 V
Insertion Loss
4.0
5.2
dB
10 - 100 MHz
5.6
7.0
dB
100 - 1000 MHz
Attenuation
LSB
2dB
Range
062dB
2, 4, 8, 16, 32
Accuracy
dB
± (0.25 dB ± 2% of Atten.
Setting in dB)
VSWR
1.2/1
1.4/1
Impedance
50
OHMS
Switching Speed
32
50
nSec
50% TTL - 90% / 10% RF
Transition (Rise/Fall) Time
18
nSec
10% / 90% - 90% / 10% RF
Switching (Video) Transients
215
mV
Peak Value
Intercept Points
2nd
+65
dBm
70 MHz / 50 MHz
3rd
+44
dBm
35 MHz / 50 MHz
RF Power
Operate
+13
+10
dBm
0.1 dB Compression
No Damage
+27
dBm
Operating Temperature
-55
+25
+125
°CTA
GUARANTEED PERFORMANCE
TYPICAL PERFORMANCE
at 25
°C
1000
500
100
50
10
5
1
1.8
1.6
1.4
1.2
1.0
8
6
4
2
0
3000
10
12
2.0
2.2
I. LOSS
VSWR
••
••
••
••
••
••
•
•••••••
•
••
•
•
•
N/C = NO INTERNAL CONNECTION
•
"0"
16DB
+5V
GND
32DB
2DB
4DB
8DB
GND
GND GND GND
"0"
"0"
"0"
"0"
IN/OUT
RF
RF
IN/OUT GND GND GND GND GND GND GND GND GND GND
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
N/C
16 DB
32 DB
2 DB
4 DB
8 DB


Similar Part No. - DA0757

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DA0717 DAICO-DA0717 Datasheet
194Kb / 1P
Schottky Diode 7 Section Attenuator
DA0735 DAICO-DA0735 Datasheet
138Kb / 1P
PIN Diode Linear VCA
DA0760 DAICO-DA0760 Datasheet
162Kb / 1P
PIN Diode 5 Section Attenuator
DA0769 DAICO-DA0769 Datasheet
163Kb / 1P
PIN Diode 5 Section Attenuator
DA0775 DAICO-DA0775 Datasheet
187Kb / 1P
Schottky Diode 7 Section Attenuator
More results

Similar Description - DA0757

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CAT15065 DAICO-CAT15065 Datasheet
27Kb / 1P
GaAs 1 Section Attenuator
CAT58054 DAICO-CAT58054 Datasheet
31Kb / 1P
GaAs 5 Section Attenuator
CAT65067 DAICO-CAT65067 Datasheet
34Kb / 1P
GaAs 6 Section Attenuator
DA0857 DAICO-DA0857 Datasheet
31Kb / 1P
GaAs 5 Section Attenuator
DA0885 DAICO-DA0885 Datasheet
169Kb / 1P
GaAs 5 Section Attenuator
DA0953 DAICO-DA0953 Datasheet
32Kb / 1P
GaAs 5 Section Attenuator
DAT51995 DAICO-DAT51995 Datasheet
170Kb / 1P
GaAs 5 Section Attenuator
DAT56195 DAICO-DAT56195 Datasheet
191Kb / 1P
GaAs 5 Section Attenuator
DAT58019 DAICO-DAT58019 Datasheet
158Kb / 1P
GaAs 5 Section Attenuator
DAT58032 DAICO-DAT58032 Datasheet
162Kb / 1P
GaAs 5 Section Attenuator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com