Electronic Components Datasheet Search
  English  ▼

X  

DLNP Datasheet(PDF) 1 Page - Schurter Inc.

Part # DLNP
Description  Linear Choke, compact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DLNP Datasheet(HTML) 1 Page - Schurter Inc.

  DLNP Datasheet HTML 1Page - Schurter Inc. DLNP Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Suppression Chokes
DLNP
https://www.schurter.com /PG81_82
EMC Products
Linear Choke, compact
Approvals and Compliances
Description
- Linear choke
- THT-terminals
- Inductor vertically positioned in housing
- SMD version on request
Applications
- Smoothing RFI suppression choke
- RFI suppression choke
- Chopper amplifiers
- DC drives and stepper motor controls
- Switching power supplies
Weblinks
pdf datasheet, html-datasheet, General Product Information, Distributor-
Stock-Check, Detailed request for product
Technical Data
Rated voltage
up to 600 VDC
Rated Current
0.6 - 1 A @ Ta 70 °C
Rated inductance
0.05 - 0.1 mH, Tol. ±15%
Power Operating Frequency
50 - 400 Hz
Terminal Type
THT
Weight
1 g
Material: Housing
UL 94V-0
Sealing Compound
UL 94V-0
Isolation Voltage
2 kV eff., winding to ambient
Climatic Category
40/125/21 acc. to IEC 60068-1
Allowable Operation Temp.
-40 °C to 125 °C
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 60950
IEC 60950-1 includes the basic requirements for the safety of information
technologyequipment.
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
CE declaration of conformity
SCHURTER AG
The CE marking declares that the product complies with the applicable
requirements laid down in the harmonisation of Community legislation on
its affixing in accordance with EU Regulation 765/2008.
RoHS
SCHURTER AG
EU Directive RoHS 2011/65/EU
China RoHS
SCHURTER AG
The law SJ / T 11363-2006 (China RoHS) has been in force since 1 March
2007. It is similar to the EU directive RoHS.
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.


Similar Part No. - DLNP

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DLNP SCHURTER-DLNP Datasheet
376Kb / 2P
Linear Choke, compact
DLNP SCHURTER-DLNP Datasheet
246Kb / 3P
Linear Choke, compact
DLNP-6148-01C5 SCHURTER-DLNP-6148-01C5 Datasheet
376Kb / 2P
Linear Choke, compact
DLNP-6148-D6D1 SCHURTER-DLNP-6148-D6D1 Datasheet
376Kb / 2P
Linear Choke, compact
DLNP SCHURTER-DLNP_V01 Datasheet
246Kb / 3P
Linear Choke, compact
More results

Similar Description - DLNP

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DLFL SCHURTER-DLFL Datasheet
420Kb / 2P
Linear/Saturating Choke
DLFP SCHURTER-DLFP Datasheet
499Kb / 3P
Linear/Saturating Choke
DLNP SCHURTER-DLNP Datasheet
376Kb / 2P
Linear Choke, compact
DSHP SCHURTER-DSHP Datasheet
363Kb / 2P
Storage Choke, compact
DLFL SCHURTER-DLFL_17 Datasheet
252Kb / 3P
Linear/Saturating Choke
DSHP SCHURTER-DSHP_17 Datasheet
203Kb / 2P
Storage Choke, compact
DLFL SCHURTER-DLFL_V01 Datasheet
264Kb / 3P
Linear/Saturating Choke
DLNP SCHURTER-DLNP_V01 Datasheet
246Kb / 3P
Linear Choke, compact
DSHP SCHURTER-DSHP_V01 Datasheet
214Kb / 2P
Storage Choke, compact
14.09.2021
DLFP SCHURTER-DLFP_V01 Datasheet
295Kb / 3P
Linear/Saturating Choke
14.09.2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com