Electronic Components Datasheet Search
  English  ▼

X  

DDZX9682 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDZX9682
Description  SURFACE MOUNT PRECISION ZENER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZX9682 Datasheet(HTML) 1 Page - Diodes Incorporated

  DDZX9682 Datasheet HTML 1Page - Diodes Incorporated DDZX9682 Datasheet HTML 2Page - Diodes Incorporated DDZX9682 Datasheet HTML 3Page - Diodes Incorporated DDZX9682 Datasheet HTML 4Page - Diodes Incorporated DDZX9682 Datasheet HTML 5Page - Diodes Incorporated DDZX9682 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DS30411 Rev. 1 - 2
1 of 6
DDZX9682 - DDZX9717
www.diodes.com
ã Diodes Incorporated
·
Very Sharp Breakdown Characteristics
·
300mW Power Dissipation on Ceramic PCB
·
Very Tight Tolerance on VZ
·
Ideally Suited for Automated Assembly
Processes
·
Very Low Leakage Current
Features
Maximum Ratings
@ TA = 25
°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF = 10mA
VF
0.9
V
Power Dissipation (Note 2)
Pd
300
mW
Thermal Resistance, Junction to Ambient Air (Note 2)
RqJA
417
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note:
1. If lead-bearing terminal plating is required, please contact your Diodes Inc. sales representative for availability
and minimum order details.
2. Device mounted on FR-4 PCB with recommended pad layout, which can be found on our website
at http://www.diodes.com/datasheets/ap02001.pdf.
Mechanical Data
DDZX9682 - DDZX9717
SURFACE MOUNT PRECISION ZENER DIODE
A
E
J
L
M
B
C
H
G
D
K
·
Case: SOT-23, Plastic
·
Plastic Material: UL Flammability Classification
Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Terminals: Finish - Matte Tin Solderable
per MIL-STD-202, Method 208 (Note 1)
·
Polarity: See diagram
·
Marking: See Below
·
Weight: 0.008 grams (approx.)
Device
Packaging
Shipping
(Type Number)-7*
SOT-23
3000/Tape & Reel
Ordering Information (Note 3)
* Example: The part number for the 6.2 Volt device would be DDZX9691-7.
Note :
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Year
2003
2004
2005
2006
2007
2008
2009
Code
PR
S
T
U
VW
Date Code Key
KXX = Product Type Marking Code (See Table 1)
YM = Date Code Marking
Y = Year (ex: P = 2003)
M = Month (ex: 9 = September)
KXX
Marking Information
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
a
0
°
8
°
All Dimensions in mm
TOP VIEW
SPICE MODEL: DDZX9688 DDZX9689 DDZX9690 DDZX9691 DDZX9692 DDZX9693 DDZX9694 DDZX9696 DDZX9697 DDZX9699 DDZX9700 DDZX9702
DDZX9703 DDZX9705 DDZX9707 DDZX9708 DDZX9709 DDZX9711 DDZX9712 DDZX9713 DDZX9714 DDZX9715 DDZX9716 DDZX9717


Similar Part No. - DDZX9682

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZX9688TS DIODES-DDZX9688TS Datasheet
222Kb / 6P
TRIPLE SURFACE MOUNT PRECISION ZENER DIODE
DS30412 Rev. 5 - 2
DDZX9689TS DIODES-DDZX9689TS Datasheet
252Kb / 6P
TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
DS30412 Rev. 3 - 2
DDZX9689TS DIODES-DDZX9689TS Datasheet
222Kb / 6P
TRIPLE SURFACE MOUNT PRECISION ZENER DIODE
DS30412 Rev. 5 - 2
DDZX9689TS-7 DIODES-DDZX9689TS-7 Datasheet
252Kb / 6P
TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
DS30412 Rev. 3 - 2
More results

Similar Description - DDZX9682

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ9693 DIODES-DDZ9693 Datasheet
187Kb / 6P
SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 2 - 2
DDZ9681 DIODES-DDZ9681_1 Datasheet
191Kb / 7P
SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 9 - 2
DDZ5V1BS DIODES-DDZ5V1BS Datasheet
176Kb / 6P
SURFACE MOUNT PRECISION ZENER DIODE
DS30414 Rev. 4 - 2
DDZ9689T DIODES-DDZ9689T Datasheet
719Kb / 6P
SURFACE MOUNT PRECISION ZENER DIODE
DS30553 Rev. 3 - 2
DDZ5V1B DIODES-DDZ5V1B_08 Datasheet
237Kb / 7P
SURFACE MOUNT PRECISION ZENER DIODE
DS30407 Rev. 11 - 2
DDZ9678 DIODES-DDZ9678 Datasheet
178Kb / 7P
SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 14 - 2
DDZ5V1B DIODES-DDZ5V1B_12 Datasheet
174Kb / 7P
SURFACE MOUNT PRECISION ZENER DIODE
Rev 12
BZT585B2V4T DIODES-BZT585B2V4T Datasheet
195Kb / 4P
SURFACE MOUNT PRECISION ZENER DIODE
Rev 5
D3Z2V4BF DIODES-D3Z2V4BF_16 Datasheet
179Kb / 5P
SURFACE MOUNT PRECISION ZENER DIODE
Rev 9
DDZX5V6AQ DIODES-DDZX5V6AQ Datasheet
567Kb / 5P
SURFACE MOUNT PRECISION ZENER DIODE
May 2022 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com