Electronic Components Datasheet Search
  English  ▼

X  

COPC680 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COPC680
Description  Microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COPC680 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button COPC680 Datasheet HTML 18Page - National Semiconductor (TI) COPC680 Datasheet HTML 19Page - National Semiconductor (TI) COPC680 Datasheet HTML 20Page - National Semiconductor (TI) COPC680 Datasheet HTML 21Page - National Semiconductor (TI) COPC680 Datasheet HTML 22Page - National Semiconductor (TI) COPC680 Datasheet HTML 23Page - National Semiconductor (TI) COPC680 Datasheet HTML 24Page - National Semiconductor (TI) COPC680 Datasheet HTML 25Page - National Semiconductor (TI) COPC680 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Development Support (Continued)
iceMASTER (IM) IN-CIRCUIT EMULATION
The iceMASTER IM-COP8400 is a full feature PC based
in-circuit emulation tool developed and marketed by Meta-
Link Corporation to support the whole COP8 family of prod-
ucts National is a resale vendor for these products
See
Figure 12 for configuration
The iceMASTER IM-COP8400 with its device specific
COP8 Probe provides a rich feature set for developing test-
ing and maintaining product
 Real-time in-circuit emulation full 24V–55V operation
range full DC-10 MHz clock Chip options are program-
mable or jumper selectable
 Direct connection to application board by package com-
patible socket or surface mount assembly
 Full 32 kbyte of loadable programming space that over-
lays (replaces) the on-chip ROM or EPROM On-chip
RAM and IO blocks are used directly or recreated on
the probe as necessary
 Full 4k frame synchronous trace memory Address in-
struction and 8 unspecified circuit connectable trace
lines Display can be HLL source (eg C source) assem-
bly or mixed
 A full 64k hardware configurable break trace on trace
off control and pass count increment events
 Tool set integrated interactive symbolic debuggersup-
ports both assembler (COFF) and C Compiler (COD)
linked object formats
 Real time performance profiling analysis selectable
bucket definition
 Watch windows content updated automatically at each
execution break
 Instruction by instruction memoryregister changes dis-
played on source window when in single step operation
 Single base unit and debugger software reconfigurable to
support the entire COP8 family only the probe personali-
ty needs to change Debugger software is processor cus-
tomized and reconfigured from a master model file
 Processor specific symbolic display of registers and bit
level assignments configured from master model file
 HaltIdle mode notification
 On-line HELP customized to specific processor using
master model file
 Includes a copy of COP8-DEV-IBMA assembler and link-
er SDK
IM Order Information
Base Unit
IM-COP8400-1
iceMASTER base unit
110V power supply
IM-COP8400-2
iceMASTER base unit
220V power supply
iceMASTER Probe
MHW-880C20DWPC
20 DIP
MHW-880C28DWPC
28 DIP
MHW-880CJ40DWPC
40 DIP
MHW-880CJ44PWPC
44 PLCC
DIP to SO Adapters
MHW-SOIC20
20 SO
MHW-SOIC28
28 DIP
TLDD10802 – 24
FIGURE 12 COP8 iceMASTER Environment
http
www nationalcom
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com