Electronic Components Datasheet Search
  English  ▼

X  

COPC682 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COPC682
Description  Microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COPC682 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button COPC682 Datasheet HTML 13Page - National Semiconductor (TI) COPC682 Datasheet HTML 14Page - National Semiconductor (TI) COPC682 Datasheet HTML 15Page - National Semiconductor (TI) COPC682 Datasheet HTML 16Page - National Semiconductor (TI) COPC682 Datasheet HTML 17Page - National Semiconductor (TI) COPC682 Datasheet HTML 18Page - National Semiconductor (TI) COPC682 Datasheet HTML 19Page - National Semiconductor (TI) COPC682 Datasheet HTML 20Page - National Semiconductor (TI) COPC682 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
Control Registers
CNTRL REGISTER (ADDRESS X’00EE)
The Timer and MICROWIREPLUS control register contains
the following bits
SL1
SL0 Select the MICROWIREPLUS clock divide-by
IEDG
External interrupt edge polarity select
(0 e rising edge 1 e falling edge)
MSEL
Enable MICROWIREPLUS functions SO and
SK
TRUN
StartStop the TimerCounter (1 e run 0 e
stop)
TC3
Timer input edge polarity select (0 e rising
edge 1 e falling edge)
TC2
Selects the capture mode
TC1
Selects the timer mode
TC1
TC2
TC3
TRUN
MSEL
IEDG
SL1
SL0
BIT 7
BIT 0
PSW REGISTER (ADDRESS X’00EF)
The PSW register contains the following select bits
GIE
Global interrupt enable
ENI
External interrupt enable
BUSY MICROWIREPLUS busy shifting
IPND
External interrupt pending
ENTI
Timer interrupt enable
TPND Timer interrupt pending
C
Carry Flag
HC
Half carry Flag
HC
C
TPND
ENTI
IPND
BUSY
ENI
GIE
Bit 7
Bit 0
Addressing Modes
REGISTER INDIRECT
This is the ‘‘normal’’ mode of addressing The operand is
the memory addressed by the B register or X register
DIRECT
The instruction contains an 8-bit address field that directly
points to the data memory for the operand
IMMEDIATE
The instruction contains an 8-bit immediate field as the op-
erand
REGISTER INDIRECT
(AUTO INCREMENT AND DECREMENT)
This is a register indirect mode that automatically incre-
ments or decrements the B or X register after executing the
instruction
RELATIVE
This mode is used for the JP instruction the instruction field
is added to the program counter to get the new program
location JP has a range of from b31 to a32 to allow a one
byte relative jump (JP a 1 is implemented by a NOP instruc-
tion) There are no ‘pages’ when using JP all 15 bits of PC
are used
Memory Map
All RAM ports and registers (except A and PC) are mapped
into data memory address space
Address
Contents
00 to 6F On Chip RAM Bytes
70 to 7F Unused RAM Address Space (Reads as all Ones)
80 to BF Expansion Space for future use
C0 to CF Expansion Space for IO and Registers
D0 to DF On Chip IO and Registers
D0
Port L Data Register
D1
Port L Configuration Register
D2
Port L Input Pins (Read Only)
D3
Reserved for Port L
D4
Port G Data Register
D5
Port G Configuration Register
D6
Port G Input Pins (Read Only)
D7
Port I Input Pins (Read Only)
D8
Port C Data Register
D9
Port C Configuration Register
DA
Port C Input Pins (Read Only)
DB
Reserved for Port C
DC
Port D Data Register
DD – DF Reserved for Port D
E0 to EF On Chip Functions and Registers
E0 – E7 Reserved for Future Parts
E8
Reserved
E9
MICROWIREPLUS Shift Register
EA
Timer Lower Byte
EB
Timer Upper Byte
EC
Timer Autoload Register Lower Byte
ED
Timer Autoload Register Upper Byte
EE
CNTRL Control Register
EF
PSW Register
F0 to FF On Chip RAM Mapped as Registers
FC
X Register
FD
SP Register
FE
B Register
Reading unused memory locations below 7FH will return all
ones Reading other unused memory locations will return
undefined data
http
www nationalcom
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com