Electronic Components Datasheet Search
  English  ▼

X  

FA10679 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FA10679
Description  ~11째 spot beam optimized for CREE MC-E. Assembly with black holder.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FA10679 Datasheet(HTML) 1 Page - Ledil, Inc.

  FA10679 Datasheet HTML 1Page - Ledil, Inc. FA10679 Datasheet HTML 2Page - Ledil, Inc. FA10679 Datasheet HTML 3Page - Ledil, Inc. FA10679 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
FA10679_CMC-RS
CMC-RS
~11° spot beam optimized for CREE MC-E.
Assembly with black holder.
TECHNICAL SPECIFICATIONS:
Dimensions
21.6 + 21.6 mm
Height
13.8 mm
Fastening
tape
Colour
black
Box size
Box weight
4.2 kg
Quantity in Box
2304 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
ROSE-CMC-RS
Lens
PC
clear
ROSE-HLD-CMC-BLK
Holder
PC
black
ROSE-TAPE
Tape
PU tape
Last update: 17/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FA10679

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10676 LEDIL-FA10676 Datasheet
6Mb / 4P
~30째 medium beam optimized for CREE MC-E. Assembly with black holder.
FA10677 LEDIL-FA10677 Datasheet
5Mb / 4P
~16째 diffused spot beam optimized for CREE MC-E. Assembly with black holder.
FA10678 LEDIL-FA10678 Datasheet
6Mb / 4P
~15째 smooth spot beam optimized for CREE MC-E. Assembly with black holder.
More results

Similar Description - FA10679

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10311 LEDIL-FA10311 Datasheet
5Mb / 4P
~11째 spot beam optimized for Seoul P4. Assembly with black holder.
FA10676 LEDIL-FA10676 Datasheet
6Mb / 4P
~30째 medium beam optimized for CREE MC-E. Assembly with black holder.
FA10677 LEDIL-FA10677 Datasheet
5Mb / 4P
~16째 diffused spot beam optimized for CREE MC-E. Assembly with black holder.
FA10678 LEDIL-FA10678 Datasheet
6Mb / 4P
~15째 smooth spot beam optimized for CREE MC-E. Assembly with black holder.
FA10714 LEDIL-FA10714 Datasheet
5Mb / 4P
~50째 wide beam optimized for CREE MC-E. Assembly with black holder.
FCA10303 LEDIL-FCA10303 Datasheet
964Kb / 4P
~11째 spot beam optimized for CREE XR-E. Assembly with grey holder and installation tape.
FA11909 LEDIL-FA11909_18 Datasheet
3Mb / 4P
~11째 spot beam optimized for CREE XM-L. Assembly with white holder.
CA11643 LEDIL-CA11643 Datasheet
1Mb / 6P
~11째 smooth spot beam optimized for CREE XP-E.
CA12011 LEDIL-CA12011 Datasheet
2Mb / 9P
~11째 smooth spot beam optimized for CREE XP-E.
FA10668 LEDIL-FA10668 Datasheet
1Mb / 5P
~11째 spot beam optimized for CREE XP-E.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com