Electronic Components Datasheet Search
  English  ▼

X  

FA10888 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FA10888
Description  ~13째 spot beam optimized for Nichia NS6x83. Assembly with holder and installation tape.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FA10888 Datasheet(HTML) 1 Page - Ledil, Inc.

  FA10888 Datasheet HTML 1Page - Ledil, Inc. FA10888 Datasheet HTML 2Page - Ledil, Inc. FA10888 Datasheet HTML 3Page - Ledil, Inc. FA10888 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
FA10888_TINA-RS
TINA-RS
~13° spot beam optimized for Nichia NS6x83.
Assembly with holder and installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 16.1 mm
Height
11.1 mm
Fastening
tape
Colour
white
Box size
Box weight
4.1 kg
Quantity in Box
2016 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
TINA-RS
Lens
PMMA
clear
TINA-N83-H-TAPE-WHT
Holder
PC
white
TINA-TAPE3
Tape
PU tape
black
Last update: 16/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FA10888

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FA10888 CREE-FA10888 Datasheet
68Kb / 4P
Tina series
More results

Similar Description - FA10888

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10336 LEDIL-FA10336 Datasheet
2Mb / 4P
~11째 spot beam optimized for Nichia NS6x83. Assembly with white holder and installation tape.
FA10337 LEDIL-FA10337 Datasheet
2Mb / 4P
~15째 smooth spot beam optimized for Nichia NS6x83. Assembly with white holder and installation tape.
FA10839 LEDIL-FA10839_18 Datasheet
2Mb / 4P
~50째 wide beam optimized for Nichia NS6x83. Assembly with holder and installation tape.
FA10886 LEDIL-FA10886_18 Datasheet
3Mb / 4P
~13째 spot beam optimized for Osram Golden Dragon . Assembly with holder and installation tape.
FA10887 LEDIL-FA10887_18 Datasheet
5Mb / 5P
~13째 spot beam optimized for CREE XP-E. Assembly with holder and installation tape.
FA10338 LEDIL-FA10338 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for Nichia NS6x83. Assembly with white holder and installation tape.
FA10339 LEDIL-FA10339_18 Datasheet
2Mb / 5P
~30째 medium beam optimized for Nichia NS6x83. Assembly with white holder and installation tape.
FA10901 LEDIL-FA10901_18 Datasheet
2Mb / 4P
~60째 wide beam optimized for Nichia NS6x83. Assembly with holder and installation tape.
FA11208 LEDIL-FA11208_18 Datasheet
3Mb / 6P
~13째 spot beam. Assembly with holder and installation tape.
FA11212 LEDIL-FA11212_18 Datasheet
3Mb / 5P
~13째 spot beam optimized for LUXEON Rebel. Assembly with holder and installation tape.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com