Electronic Components Datasheet Search
  English  ▼

X  

COPC882 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COPC882
Description  Microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COPC882 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button COPC882 Datasheet HTML 10Page - National Semiconductor (TI) COPC882 Datasheet HTML 11Page - National Semiconductor (TI) COPC882 Datasheet HTML 12Page - National Semiconductor (TI) COPC882 Datasheet HTML 13Page - National Semiconductor (TI) COPC882 Datasheet HTML 14Page - National Semiconductor (TI) COPC882 Datasheet HTML 15Page - National Semiconductor (TI) COPC882 Datasheet HTML 16Page - National Semiconductor (TI) COPC882 Datasheet HTML 17Page - National Semiconductor (TI) COPC882 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Functional Description (Continued)
TLDD10802 – 8
FIGURE 6 Interrupt Block Diagram
DETECTION OF ILLEGAL CONDITIONS
The device contains a hardware mechanism that allows it to
detect illegal conditions which may occur from coding er-
rors noise and ‘brown out’ voltage drop situations Specifi-
cally it detects cases of executing out of undefined ROM
area and unbalanced stack situations
Reading an undefined ROM location returns 00 (hexadeci-
mal) as its contents The opcode for a software interrupt is
also ‘00’ Thus a program accessing undefined ROM will
cause a software interrupt
Reading an undefined RAM location returns an FF (hexade-
cimal) The subroutine stack grows down for each subrou-
tine call By initializing the stack pointer to the top of RAM
the first unbalanced return instruction will cause the stack
pointer to address undefined RAM As a result the program
will attempt to execute from FFFF (hexadecimal) which is
an undefined ROM location and will trigger a software inter-
rupt
MICROWIREPLUSTM
MICROWIREPLUS is a serial synchronous bidirectional
communications interface The MICROWIREPLUS capabil-
ity enables the device to interface with any of National
Semiconductor’s MICROWIRE peripherals (ie AD con-
verters display drivers EEPROMS etc) and with other mi-
crocontrollers which support the MICROWIREPLUS inter-
face It consists of an 8-bit serial shift register (SIO) with
serial data input (SI) serial data output (SO) and serial shift
clock (SK)
Figure 7 shows the block diagram of the MICRO-
WIREPLUS interface
The shift clock can be selected from either an internal
source or an external source Operating the MICROWIRE
PLUS interface with the internal clock source is called the
Master mode of operation Similarly operating the MICRO-
WIREPLUS interface with an external shift clock is called
the Slave mode of operation
The CNTRL register is used to configure and control the
MICROWIREPLUS mode To use the MICROWIREPLUS
the MSEL bit in the CNTRL register is set to one The SK
clock rate is selected by the two bits SL0 and SL1 in the
CNTRL register Table III details the different clock rates
that may be selected
TABLE III
SL1
SL0
SK Cycle Time
00
2tC
01
4tC
1x
8tC
where
tC is the instruction cycle clock
MICROWIREPLUS OPERATION
Setting the BUSY bit in the PSW register causes the MI-
CROWIREPLUS arrangement to start shifting the data It
gets reset when eight data bits have been shifted The user
may reset the BUSY bit by software to allow less than 8 bits
to shift The devoce may enter the MICROWIREPLUS
mode either as a Master or as a Slave
Figure 8 shows how
two COP880C microcontrollers and several peripherals may
be interconnected using the MICROWIREPLUS arrange-
ment
Master MICROWIREPLUS Operation
In the MICROWIREPLUS Master mode of operation the
shift clock (SK) is generated internally The MICROWIRE
PLUS Master always initiates all data exchanges (See
Fig-
ure 8 ) The MSEL bit in the CNTRL register must be set to
enable the SO and SK functions onto the G Port The SO
and SK pins must also be selected as outputs by setting
appropriate bits in the Port G configuration register Table IV
summarizes the bit settings required for Master mode of
operation
SLAVE MICROWIREPLUS OPERATION
In the MICROWIREPLUS Slave mode of operation the SK
clock is generated by an external source Setting the MSEL
bit in the CNTRL register enables the SO and SK functions
onto the G Port The SK pin must be selected as an input
and the SO pin is selected as an output pin by appropriately
setting up the Port G configuration register Table IV sum-
marizes the settings required to enter the Slave mode of
operation
The user must set the BUSY flag immediately upon entering
the Slave mode This will ensure that all data bits sent by
the Master will be shifted properly After eight clock pulses
the BUSY flag will be cleared and the sequence may be
repeated (See
Figure 8 )
http
www nationalcom
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com