Electronic Components Datasheet Search
  English  ▼

X  

BY255 Datasheet(PDF) 2 Page - Shenzhen Yixinwei Technology Co., Ltd.

Part # BY255
Description  MEDIUM CURRENT PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Direct Link  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.

BY255 Datasheet(HTML) 2 Page - Shenzhen Yixinwei Technology Co., Ltd.

  BY255 Datasheet HTML 1Page - Shenzhen Yixinwei Technology Co., Ltd. BY255 Datasheet HTML 2Page - Shenzhen Yixinwei Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
BY251 THRU BY255
8
7
6
5
4
3
2
1
0
40
60
80
100
120
140
160
180
TJ = BOTH LEADS TO
HEAT SINK WITH
LENGTHS (f) AS
SHOWN
1=.25"(6.3min)
1=.50"(12.7min)
1=.301"(.79min)
TA=AMBIENT TEMPERATURE
0.375(9.5mm) LEAD
P.C.BOARD MOUNTING
RESISTIVE OR INDUCTIVE
LOAD
TEMPERATURE, ¢J
200
100
50
10
1
5
10
50
100
8.3ms Single Half Since-Wave
JEDEC Method
MON-REPETITIVE
TJ=150
¢J
REPETITIVE
AMBIENT TEMPERATURE, ¢J
Fig. 1-FORWARD CURRENT DERATING CURVE
Fig. 2-MAXIMUM PEAK FORWARD SURGE CURRENT
100
50
10
1
1
5
10
50
100
TJ = 25¢J
f = 1MHz
Visg = 50m Vp-p
REVERSE VOLTAGE, VOLTS
Fig. 4-TYPICAL JUNCTION CAPACITANCE
100
30
10
3.0
1.0
0.3
0.1
.03
.01
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Tj = 25 ¢J
Pulse Width = 300£g s
2% Duty Cycle
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig. 3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
10
1.0
0.1
.01
0
20
40
60
80
100 120
140
TA = 100
¢J
TA = 25
¢J
PERCENT OF RATED PAK REVERSE VOLTAGE, %
Fig. 5-TYPICAL REVERSE CHARACTERISTICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com