Electronic Components Datasheet Search
  English  ▼

X  

FR601 Datasheet(PDF) 1 Page - Shenzhen Yixinwei Technology Co., Ltd.

Part # FR601
Description  6.0 AMP FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Direct Link  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.

FR601 Datasheet(HTML) 1 Page - Shenzhen Yixinwei Technology Co., Ltd.

  FR601 Datasheet HTML 1Page - Shenzhen Yixinwei Technology Co., Ltd. FR601 Datasheet HTML 2Page - Shenzhen Yixinwei Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6.0 AMP FAST RECOVERY RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=75 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 6.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
6.0
300
10.0
200
100
-65
+150
V
A
A
V
µA
µA
nS
pF
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
FR601
FR607
THRU
1.3
250
500
150
Weight: 1.65 grams
*
VOLTAGE RANGE
CURRENT
50 TO 1000 Volts
6.0 Amperes
R-6
Dimensions in inches and (millimeters)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.360(9.1)
.360(9.1)
.340(8.6)
.340(8.6)
.052(1.3)
.048(1.2)
DIA.
DIA.
Operating and Storage Temperature Range T , T
J
STG
C
FR601 FR602 FR603 FR604 FR605 FR606 FR607 UNITS


Similar Part No. - FR601

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR601 WTE-FR601 Datasheet
51Kb / 3P
6.0A FAST RECOVERY RECTIFIER
logo
Rectron Semiconductor
FR601 RECTRON-FR601 Datasheet
24Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
logo
Jinan Gude Electronic D...
FR601 JGD-FR601 Datasheet
144Kb / 2P
6.0 AMPS. FAST RECOVERY RECTIFIERS
logo
Bytes
FR601 BYTES-FR601 Datasheet
152Kb / 2P
6.0 AMP FAST RECOVERY RECTIFIERS
logo
Dc Components
FR601 DCCOM-FR601 Datasheet
414Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
More results

Similar Description - FR601

ManufacturerPart #DatasheetDescription
logo
Bytes
FR601 BYTES-FR601 Datasheet
152Kb / 2P
6.0 AMP FAST RECOVERY RECTIFIERS
logo
Formosa MS
FR601 FORMOSA-FR601 Datasheet
33Kb / 2P
6.0 AMP FAST RECOVERY RECTIFIERS
logo
First Components Intern...
FR60 FCI-FR60 Datasheet
102Kb / 2P
6.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
logo
UNIOHM CORPORATION
FR601 UNIOHM-FR601 Datasheet
66Kb / 2P
6.0 AMP FAST RECOVERY RECTIFIERS
SF61 UNIOHM-SF61 Datasheet
70Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
logo
Goodwork Semiconductor ...
FR601 GWSEMI-FR601 Datasheet
68Kb / 2P
6.0 AMP FAST RECOVERY RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
SF61 YFWDIODE-SF61 Datasheet
70Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
logo
Nanjing International G...
FR601 DGNJDZ-FR601 Datasheet
128Kb / 2P
6.0 AMP FAST RECOVERY RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
SF61-DO-27 YFWDIODE-SF61-DO-27 Datasheet
291Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
logo
Shenzhen Yixinwei Techn...
SF61 YIXIN-SF61 Datasheet
243Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com