Electronic Components Datasheet Search
  English  ▼

X  

FKC08 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FKC08
Description  8 WATTS DC-DC CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FKC08 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FKC08 Datasheet HTML 1Page - List of Unclassifed Manufacturers FKC08 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model
Number
Input
Range
Output
Voltage
Output
Current
Input
Current
(5)
Eff
(6)
(%)
Capacitor
(7)
Load max
FKC08-12S33
9 – 18 VDC
3.3 VDC
2000mA
724mA
80
3300uF
FKC08-12S05
9 – 18 VDC
5 VDC
1500mA
791mA
83
1600uF
FKC08-12S12
9 – 18 VDC
12 VDC
666mA
792mA
88
350uF
FKC08-12S15
9 – 18 VDC
15 VDC
533mA
802mA
87
240uF
FKC08-12D05
9 – 18 VDC
± 5 VDC
± 800mA
843mA
83
± 1000uF
FKC08-12D12
9 – 18 VDC
± 12 VDC
± 333mA
802mA
87
± 160uF
FKC08-12D15
9 – 18 VDC
± 15 VDC
± 267mA
824mA
85
± 100uF
FKC08-24S33
18 – 36 VDC
3.3 VDC
2000mA
362mA
80
3300uF
FKC08-24S05
18 – 36 VDC
5 VDC
1500mA
396mA
83
1600uF
FKC08-24S12
18 – 36 VDC
12 VDC
666mA
406mA
86
350uF
FKC08-24S15
18 – 36 VDC
15 VDC
533mA
411mA
85
240uF
FKC08-24D05
18 – 36 VDC
± 5 VDC
± 800mA
427mA
82
± 1000uF
FKC08-24D12
18 – 36 VDC
± 12 VDC
± 333mA
406mA
86
± 160uF
FKC08-24D15
18 – 36 VDC
± 15 VDC
± 267mA
411mA
85
± 100uF
FKC08-48S33
36 – 75 VDC
3.3 VDC
2000mA
181mA
80
3300uF
FKC08-48S05
36 – 75 VDC
5 VDC
1500mA
198mA
83
1600uF
FKC08-48S12
36 – 75 VDC
12 VDC
666mA
203mA
86
350uF
FKC08-48S15
36 – 75 VDC
15 VDC
533mA
203mA
86
240uF
FKC08-48D05
36 – 75 VDC
± 5 VDC
± 800mA
205mA
85
± 1000uF
FKC08-48D12
36 – 75 VDC
± 12 VDC
± 333mA
200mA
87
± 160uF
FKC08-48D15
36 – 75 VDC
± 15 VDC
± 267mA
201mA
87
± 100uF
Note
1.
The FKC08 series required a minimum 10% loading on the output to maintain specified regulation. Operation
under no-load condition will not damage these devices, however they may not meet all listed specification.
2.
Please add an external filter at converter input terminals when measuring input reflected ripple, figure 1.
L : Simulated source impedance of 12 uH
C : Nippon chemi-con KMF series 47uF/100V
3.
The ON/OFF control pin voltage is referenced to negative input.
4.
BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 40ºC.
(Ground fixed and controlled environment)
5.
Maximum value at nominal input voltage and full load of standard type.
6.
Typical value at nominal input voltage and full load.
7.
Test by minimum Vin and constant resistive load.
DIP PIN CONNECTION
PIN
SINGLE
DUAL
1
CTRL
CTRL
2
- INPUT
- INPUT
3
- INPUT
- INPUT
23
+ INPUT
+ INPUT
22
+ INPUT
+ INPUT
9
NC
COMMON
16
- OUTPUT COMMON
PIN
SINGLE
DUAL
11
NC
- OUTPUT
14
+ OUTPUT + OUTPUT
SMD PIN CONNECTION
PIN
SINGLE
DUAL
1
CTRL
CTRL
2
- INPUT
- INPUT
3
- INPUT
-INPUT
23
+ INPUT
+ INPUT
22
+ INPUT
+ INPUT
9
NC
COMMON
16
- OUTPUT COMMON
PIN
SINGLE
DUAL
11
NC
- OUTPUT
14
+ OUTPUT + OUTPUT
Others
NC
NC
Others
NC
NC
All dimensions in Inches (mm)
Tolerance : x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
Pin pitch tolerance ±0.014(0.35)
Pin size is 0.02(0.5) Dia or
0.01 x 0.02 (0.25 x 0.50) Rectangular Pin
14
23
22
16
3
9
2
1
11
0.60(15.2)
0.80(20.3)
0.40
(10.2)
0.15
(3.8)
0.08(2.0)
BOTTOM
VIEW
Suffix-SMD
1.00(25.4)
0.92(23.4)
0.44(11.2)
0.43(10.9)
0.80(20.3)
24
13
16
20
12
1
5
9
BOTTOM
VIEW
Pin Area
0.04 x 0.02
(1.0 x 0.5)
VER:05
1
/
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com