Electronic Components Datasheet Search
  English  ▼

X  

5403 Datasheet(PDF) 2 Page - Sumida Corporation

Part # 5403
Description  SMT Chip Inductors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

5403 Datasheet(HTML) 2 Page - Sumida Corporation

  5403 Datasheet HTML 1Page - Sumida Corporation 5403 Datasheet HTML 2Page - Sumida Corporation 5403 Datasheet HTML 3Page - Sumida Corporation 5403 Datasheet HTML 4Page - Sumida Corporation 5403 Datasheet HTML 5Page - Sumida Corporation 5403 Datasheet HTML 6Page - Sumida Corporation 5403 Datasheet HTML 7Page - Sumida Corporation 5403 Datasheet HTML 8Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Allgemeine Eigenschaften und
technische Informationen zu den
drahtgewickelten SMD-Spulen
Baugröße 1206 / Serie 5403, 5503
General Characterisitics and
Technical Information of
wire-wound SMD Inductors
Size 1206 / Series 5403, 5503
Symbol
Symbol
Kernmaterial / Core
Material
Keramik /
Ceramic
Ferrit /
Ferrite
Induktivität
L
3,3 ... 1200 nH
1,5 ... 18 µH
Inductance
Toleranz
-
2/5/10/20 % 1)
2/5/10/20 % 1)
Tolerance
Minimale Güte
Q
min
30 ... 45
25 ... 16
Minimum Q-factor
Eigenresonanzfrequenz
f
res , min
> 5000 ... 430 MHz
260 ... 95 MHz
Self resonance frequency
Max. Gleichstromwiderstand
R
DC, max
40 ... 3200 m
Ω
1200 ... 9000 m
Ω
Max. DC resistance
Nennstrom (bez. auf 85 °C)
I
N
1000 ... 220 mA 2)
320 ... 130 mA 2)
Nominal Current (ref. To 85 °C)
Zulässiger Betriebstemperaturbereich
-
- 55 ... 125° C
permissable operating temperature range
1)
Standard-Toleranzen - engere Toleranzen auf Anfrage
Standard tolerances - tighter tolerances on request
2)
Nennstrom (max) bis 85° C Umgebungstemperatur
maximum rated current at ambient temperature 85° C
Die Baugröße 1206
ist in zwei verschiedenen Metalli-
sierungen erhältlich und für die Pad Layouts 1206 und
1210 geeignet.
The Size 1206 is available in two various metallizations
and is suitable for pad layouts 1206 and 1210.
- 49 -



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com