Electronic Components Datasheet Search
  English  ▼

X  

5303 Datasheet(PDF) 2 Page - Sumida Corporation

Part # 5303
Description  E-Series SMT Chip Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

5303 Datasheet(HTML) 2 Page - Sumida Corporation

  5303 Datasheet HTML 1Page - Sumida Corporation 5303 Datasheet HTML 2Page - Sumida Corporation 5303 Datasheet HTML 3Page - Sumida Corporation 5303 Datasheet HTML 4Page - Sumida Corporation 5303 Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Symbol
Kernmaterial / Core
Material
Keramik
/ Ceramic
Induktivität
L
47 ... 330 nH
Inductance
Toleranz
-
2/5/10/20 %
Tolerance
Minimale Güte
Q
min
33 ... 45
Minimum Q-factor
Eigenresonanzfrequenz
f
res , min
> 1900 ... 840 MHz
Self resonance frequency
Max. Gleichstromwiderstand
R
DC, max
130 ... 600 m
Ω
Max. DC resistance
Nennstrom (bez. auf 85 °C)
I
N
1000 ... 590 mA
Rated Current (ref. To 85 °C)
Zulässiger Betriebstemperaturbereich
-
- 40 ... 85° C
permissable operating temperature range
Technische Informationen
Baugröße 1206
E-Serie 5303
Technical Details
Size 1206
E-Series 5303
- 88 -



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com