Electronic Components Datasheet Search
  English  ▼

X  

MP2481DH Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2481DH
Description  1.2A, 36V, 1.4MHz White LED Driver Buck/Boost Halogen Replacement Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2481DH Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2481DH Datasheet HTML 1Page - Monolithic Power Systems MP2481DH Datasheet HTML 2Page - Monolithic Power Systems MP2481DH Datasheet HTML 3Page - Monolithic Power Systems MP2481DH Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV2481-H-00A – 1.2A, 36V, 1.4MHz WHITE LED DRIVER EVAL BOARD
EV2481-H-00A Rev. 1.01
www.MonolithicPower.com
2
4/25/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
MP2481
SW
FB
BST
VSS
VDD
OVP
EN/DIM
INGND
C4
10nF
1
5
6
2
4
8
7
3
D1
B140
C2
4.7
50
V
C1
1
50V
VIN
EN/DIM
INGND
LED+
LED-
R1
short
R5
open
R4
open
0.2
JP1
short for
buck mode
open
JP2
C3
open
L1
4.7
C5
2.2
25V
39
EV2481-H-00A BILL OF MATERIALS (BUCK)
Qty
Ref
Value
Description
Package
Manufacturer
Manufacturer P/N
1
C1
1µF
Ceramic
Capacitor,50V,X7R
1206
TDK
C3216X7R1H105K
1
C2
4.7µF
Ceramic
Capacitor,50V,X7R
1210
Murata
GRM32ER71H475KA88L
1
C3
open
1
C4
10n
Ceramic
Capacitor,50V,X7R
0603
TDK
C1608X7R1H103K
1
C5
2.2µF
Ceramic
Capacitor,25V,X7R
1206
Murata
GRM31MR71E225KA93L
1
D1
B140
Diode Schottky
SMA
Diodes Inc.
B140-13-F
1
L1
4.7µH
Inductor 1.66A
D63LCB
TOKO
D63LCB-#A921CY-4R7M
1
R1
short
1
R2
39kΩ
5%
0603
Any
1
R3
10kΩ
5%
0603
Any
2
R4,R5
open
1
R6
200mΩ
1%
1206
CYNTEC
RL1632H-R200-FN
1
U1
MP2481
MPS WLED Driver
MSOP8EP
MPS
MP2481DH-LF-Z



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com