Electronic Components Datasheet Search
  English  ▼

X  

MP2910ES Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2910ES
Description  5V/12V Synchronous Buck PWM DC/DC and Linear Power Controller EV Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2910ES Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2910ES Datasheet HTML 1Page - Monolithic Power Systems MP2910ES Datasheet HTML 2Page - Monolithic Power Systems MP2910ES Datasheet HTML 3Page - Monolithic Power Systems MP2910ES Datasheet HTML 4Page - Monolithic Power Systems MP2910ES Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EV2910ES-00A –5V/12V Synchronous Buck PWM DC/DC and Linear Power Controller EV Board
EV2910ES-00A Rev. 1.0
www.MonolithicPower.com
3
10/10/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
EV2910ES-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package Manufacturer Manufacturer P/N
2
C1, C5
1000µF Electrolytic Cap. 25V
DIP
Rubycon
1000uF/25V
2
C2, C4
10µF
Ceramic Cap. 25V, X7R
1210
Murata
GRM32DR71E106KA12
1
C3
1µF
Ceramic Cap. 25V, X7R
1206
TDK
C3216X7R1E105K
1
C6
470µF Electrolytic Cap. 16V
DIP
Rubycon
470µF
2
C7,C10
1µF
Ceramic Cap. 25V, X7R
0603
Murata
GRM188R71E105KA12
1
C8
0.1µF Ceramic Cap. 50V, X7R
0603
Murata
GRM188R71H104KA93D
2
C9, C12
1µF
Ceramic Cap. 50V, X7R
0805
Murata
GRM21BR71H105KA12L
2
C11, C13
NS
Do Not Stuff
0603
1
D1
0.5A, 40V Schottky Diode
0603
Diodes Inc B0540W
1
R1
4.02k
Ω Film Resistor ,1%
0603
Yageo
RC0603FR-074K02L
1
R2
8.06k
Ω Film Resistor, 1%
0603
Yageo
RC0603FR-078K06L
3 R3, R7, R10
0Ω
Film Resistor ,5%
0603
Yageo
RC0603JR-070RL
1
R4
NS
Do Not Stuff
0603
1
R5
31.6k
Ω Film Resistor ,1%
0603
Yageo
RC0603FR-0731K6L
2
R6, R13
10k
Ω Film Resistor, 1%
0603
Yageo
RC0603FR-0710KL
1
R8
15k
Ω Film Resistor, 1%
0603
Yageo
RC0603FR-0715KL
2
R9, R14
10Ω
Film Resistor, 1%
0603
Yageo
RC0603FR-0710RL
1
R11
100k
Ω Film Resistor, 1%
0603
Yageo
RC0603FR-07100KL
1
R12
20k
Ω Film Resistor, 1%
0603
Yageo
RC0603FR-0720KL
1
Q3
AP4224, Rdson:20mΩ, Qg:23nC
SO-8
APEC
AP4224GM
2
Q2, Q5
AM4842N,
Rdson:12mΩ,Qg:25nC
SO-8 Analog Power AM4842N
2
Q1, Q4
NC
Do Not Stuff
SO-8
1
Q6
NC
Do Not Stuff
SOT-23
1
L1
4.7µH Inductor, DCR=7.7mΩ, Irms=15A
SMD
Wurth
7443551470
1
U1
Step-Down Regulator
SOP14
MPS
MP2910ES



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com