Electronic Components Datasheet Search
  English  ▼

X  

MP3202DG Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3202DG
Description  1.3A Fixed Frequency White LED Driver Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3202DG Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3202DG Datasheet HTML 1Page - Monolithic Power Systems MP3202DG Datasheet HTML 2Page - Monolithic Power Systems MP3202DG Datasheet HTML 3Page - Monolithic Power Systems MP3202DG Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV3202-00A – 1.3A FIXED FREQUENCY WHITE LED DRIVER
EV3202-00A Rev. 1.1
www.MonolithicPower.com
2
10/18/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
D1
1A / 30V
MP3202
IN
FB
NC
SW
4
3
1
GND
GND
OV
EN
8
2
7
6
5
EV3202-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer Part No.
2
C1,C2
2.2µF Ceramic Capacitor, 10V, X5R
1206
Panasonic:
ECJ-3YB1A225K
2
C3, C4
1µF
Ceramic Capacitor, 25V, X7R
1206
TDK:
C3216X7R1E105K/.85
1
D1
Diode Schottky, 30V, 1A, 450mW
SOD-123
Diodes Inc:
B130LAW-7-F
1
L1
10µH
Inductor, 1.2A
SMD
Sumida:
CDRH6D12-100NC
27
LED1 to LED27
White Led, 3.6V, 40 MCD, Not Stuffed
SMD
Lumex:
SML-LX23UWC-TR
1
R1
100kΩ Resistor, 5%
0603
Panasonic:
ERJ-3GEYJ104V
1
R2
1.1Ω
Resistor, 5%
0603
Panasonic:
ERJ-3GEYJ1R1V
1
R3
1.2Ω
Resistor, 5%
0603
Panasonic:
ERJ-3GEYJ1R2V
1
U1
Fixed Frequency Boot , White Led
Driver
2x2 QFN8
MPS:
MP3202DG
1
F1
1A Fuse
1206
1
CN1
3-Pin Connector Header, 0.100
Sullins:
PTC03SAAN
1
CN2
2-Pin Connector Header, 0.100
Sullins:
PTC02SAAN



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com