Electronic Components Datasheet Search
  English  ▼

X  

MP3213DH Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3213DH
Description  700KHz/1.3MHz Boost Converter with a 3.5A Switch Evaluation Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3213DH Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3213DH Datasheet HTML 1Page - Monolithic Power Systems MP3213DH Datasheet HTML 2Page - Monolithic Power Systems MP3213DH Datasheet HTML 3Page - Monolithic Power Systems MP3213DH Datasheet HTML 4Page - Monolithic Power Systems MP3213DH Datasheet HTML 5Page - Monolithic Power Systems MP3213DH Datasheet HTML 6Page - Monolithic Power Systems MP3213DH Datasheet HTML 7Page - Monolithic Power Systems MP3213DH Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EV3213DH-00B
700KHz/1.3MHz Boost Converter
with a 3.5A Switch Evaluation Board
EV3213DH-00B Rev. 1.0
www.MonolithicPower.com
1
10/18/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV3213DH-00B is a Low Noise Block
(LNB) power supply evaluation board for the
MP3213. It is configured to provide a digitally
switchable 13.2V or 19.5V output at up to 0.5A
from a 12V input. The output is set to 13.2V
when EN2 is low and 19.2V when EN2 is high.
The circuit also provides output disconnect
when EN1 is low and overload and short circuit
protection.
The high switching frequency (700KHz or
1.3MHz) of the MP3213 allows for smaller
external components, producing a compact
solution for a wide range of load currents. Two
user-selectable
frequency
options
offer
flexibility for easy filtering and low noise. The
PCB heatsink with the exposed pad improves
thermal performance and efficiency at medium
to heavy loads.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
12
V
Frequency Select
fSEL
700
KHz
Output Current
IOUT
0.5
A
Output Voltage
VOUT
13.2 or 19.5
V
FEATURES
• Pin Selectable 700KHz or 1.3MHz Fixed
Switching Frequency
• 19.5V at 500mA from 12V Input
• Output Disconnect when EN1 is Low
• Overload and Short Circuit Protection
• Fully Assembled and Tested
APPLICATIONS
• Low Noise Blocks (LNBs) in Satellite
Receivers
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
EV3213DH-00B EVALUATION BOARD
(L x W x H) 2.5” x 2.4” x 0.5”
(6.3cm x 6.1cm x 1.1cm)
Board Number
MPS IC Number
EV3213DH-00B
MP3213DH


Similar Part No. - MP3213DH

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3213DH MPS-MP3213DH Datasheet
184Kb / 4P
700KHz/1.3MHz Boost Converter with a 3.5A Switch Evaluation Board
MP3213DH MPS-MP3213DH Datasheet
458Kb / 10P
700KHz/1.3MHz Boost Converter with a 3.5A Switch
More results

Similar Description - MP3213DH

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV1542DK-00A MPS-EV1542DK-00A Datasheet
197Kb / 4P
700KHz/1.3MHz Boost Converter with a 2A Switch
EV1542DK-SEPIC-00A MPS-EV1542DK-SEPIC-00A Datasheet
175Kb / 4P
700KHz/1.3MHz Boost Converter with a 2A Switch
EV3213DH-00A MPS-EV3213DH-00A Datasheet
184Kb / 4P
700KHz/1.3MHz Boost Converter with a 3.5A Switch Evaluation Board
MP1542 MPS-MP1542 Datasheet
485Kb / 10P
700KHz/1.3MHz Boost Converter with a 2A Switch
MP1542 MPS-MP1542_06 Datasheet
460Kb / 10P
700KHz/1.3MHz Boost Converter with a 2A Switch
MP3213 MPS-MP3213 Datasheet
458Kb / 10P
700KHz/1.3MHz Boost Converter with a 3.5A Switch
MPQ1542 MPS-MPQ1542 Datasheet
917Kb / 15P
700KHz/1.3MHz Boost Converter with a 2A Switch
EV3209DJ-00A MPS-EV3209DJ-00A Datasheet
137Kb / 4P
1.3MHz 350mA Boost Converter Evaluation Board
EV3216DJ-00A MPS-EV3216DJ-00A Datasheet
190Kb / 4P
1.3MHz, 36V Boost Converter Evaluation Board
EVQ3425-L-00A MPS-EVQ3425-L-00A Datasheet
195Kb / 4P
Boost Converter With a 55V, 3.5A Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com