Electronic Components Datasheet Search
  English  ▼

X  

MP3302DG Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3302DG
Description  1.3A Fixed Frequency White LED Driver Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3302DG Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3302DG Datasheet HTML 1Page - Monolithic Power Systems MP3302DG Datasheet HTML 2Page - Monolithic Power Systems MP3302DG Datasheet HTML 3Page - Monolithic Power Systems MP3302DG Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EV3302DG-00A – 1.3A FIXED FREQUENCY WHITE LED DRIVER
NOTICE:
The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
EV3302DG-00A Rev. 1.1
www.MonolithicPower.com
4
10/18/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
QUICK START GUIDE
1. Connect the positive and negative terminals of the load panel (3 white LEDs in series, 9 stings
paralleled, each string have a 43ohm droop resistor) to the LED+ and LED- pins on the EV
board, respectively.
2. Connect the positive and negative terminals of the power supply (3.3V ~ 6V) to the VIN and
GND pins on the EV board, respectively.
3. Drive EN pin high (1.5V < Ven < Vin) to enable the MP3302.
4. Apply a DC voltage of 0.7V to 1.4V on EN pin for analog dimming. Maximum brightness (180mA
typical) occurs with 1.4V voltage applied.
5. For PWM dimming mode, apply a PWM rectangular waveform with a minimum voltage less than
0.5V and a maximum greater than 1.5V on EN pin. The frequency of the PWM signal is
recommended between 100Hz to 10kHz.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com