Electronic Components Datasheet Search
  English  ▼

X  

LE-A-Q9WN Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LE-A-Q9WN
Description  compact lightsource in SMT technology with glass window on top
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LE-A-Q9WN Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LE-A-Q9WN Datasheet HTML 4Page - OSRAM GmbH LE-A-Q9WN Datasheet HTML 5Page - OSRAM GmbH LE-A-Q9WN Datasheet HTML 6Page - OSRAM GmbH LE-A-Q9WN Datasheet HTML 7Page - OSRAM GmbH LE-A-Q9WN Datasheet HTML 8Page - OSRAM GmbH LE-A-Q9WN Datasheet HTML 9Page - OSRAM GmbH LE-A-Q9WN Datasheet HTML 10Page - OSRAM GmbH LE-A-Q9WN Datasheet HTML 11Page - OSRAM GmbH LE-A-Q9WN Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
2014-04-25
8
Version 2.0
LE A Q9WN
Relative partial flux 5) page 20
Relativer zonaler Lichtstromanteil 5) Seite 20
ΦV(2ϕ)/ΦV(180°) = f (ϕ); TJ = 25 °C
0
10
20
30
40
50
60
70
80
90 100 110 120 130 140 150 160 170 180
2*ϕ [°]
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
ΦV( ϕ)
ΦV(180°)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com