Electronic Components Datasheet Search
  English  ▼

X  

FPD48084 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD48084
Description  LCD TV TFT-LCD Timing Controller with PPDS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD48084 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  FPD48084 Datasheet HTML 1Page - National Semiconductor (TI) FPD48084 Datasheet HTML 2Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FPD48084
LCD TV TFT-LCD Timing Controller with PPDS™
Interface
General Description
The FPD48084 Column Driver is a direct drive, 256 gray
level, 384 output, TFT-LCD column driver. This device is
ideally suited for LCD TV applications, supporting WXGA
resolution. It provides the capability to display 16,772,26
colors (24-bit color) with a large dynamic output range for
wide viewing angle technologies. This scheme supports digi-
tal independent gamma from the TCON, and minimizes re-
quired trace routing and PCB size.
The FPD48084 uses National’s PPDS™ interface (Point to
Point Differential Signaling) to reduce wire count, increase
driving distance, enable advanced features, and lower over-
all system cost. Coupled with an FPD8020x timing controller,
the FPD48084 is capable of providing independent color for
each of the three subpixel colors (red, green, and blue),
enabling the color temperature and balance control that is
needed to provide cinema quality video performance for
advanced LCD TV applications.
Features
n
Provides 384 column driver outputs
n
Supports WXGA (1280 x 768) applications for LCD TV
n
Point-to-Point Differential data and clock interface
n
Supports digital independent gamma from TCON
n
256 Gray levels per color (24–bit color)
n
High voltage dynamic range 9.6V to 14.1V Analog
supply voltage : VDDA = 10.0V to 14.5V
n
Digital supply voltage : VDDD = 2.25V to 2.75V
n
125MHz maximum differential interface operating
frequency
n
LCD TV interface protocol controls column driver
configuration
n
Available in TCP or COF
n
Internal pattern generation for panel self-test
n
Supports both Dot and N-Line inversion
20108901
ADVANCE INFORMATION
May 2004
© 2004 National Semiconductor Corporation
DS201089
www.national.com


Similar Part No. - FPD48084

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FPD48084 TI1-FPD48084_13 Datasheet
47Kb / 4P
LCD TV TFT-LCD Column Driver
More results

Similar Description - FPD48084

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS88 TI-SN75LVDS88 Datasheet
149Kb / 12P
TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
SN75LVDS88A TI-SN75LVDS88A Datasheet
150Kb / 12P
TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
SN75LVDS88B TI-SN75LVDS88B Datasheet
150Kb / 12P
TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
logo
National Semiconductor ...
FPD80200 NSC-FPD80200 Datasheet
169Kb / 2P
LCD TV TFT-LCD Timing Controller with PPDS??Interface
logo
Texas Instruments
FPD87392AXA TI1-FPD87392AXA Datasheet
187Kb / 6P
TFT-LCD Timing Controller
FPD48084 TI1-FPD48084_13 Datasheet
47Kb / 4P
LCD TV TFT-LCD Column Driver
FPD80200 TI1-FPD80200_13 Datasheet
48Kb / 4P
LCD TV TFT-LCD Timing Controller
FPD87352 TI1-FPD87352 Datasheet
123Kb / 6P
TFT-LCD Timing Controller
FPD87392 TI1-FPD87392_13 Datasheet
909Kb / 27P
TFT-LCD Timing Controller
logo
Fitipower Integrated Te...
EK6709 FITIPOWER-EK6709 Datasheet
325Kb / 11P
TFT LCD Timing Controller
Rev.1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com