Electronic Components Datasheet Search
  English  ▼

X  

LTM4630A Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4630A
Description  Dual 18A or Single 36A DC/DC 關Module Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4630A Datasheet(HTML) 1 Page - Linear Technology

  LTM4630A Datasheet HTML 1Page - Linear Technology LTM4630A Datasheet HTML 2Page - Linear Technology LTM4630A Datasheet HTML 3Page - Linear Technology LTM4630A Datasheet HTML 4Page - Linear Technology LTM4630A Datasheet HTML 5Page - Linear Technology LTM4630A Datasheet HTML 6Page - Linear Technology LTM4630A Datasheet HTML 7Page - Linear Technology LTM4630A Datasheet HTML 8Page - Linear Technology LTM4630A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
LTM4630A
1
4630afb
For more information www.linear.com/LTM4630A
TYPICAL APPLICATION
DESCRIPTION
Dual 18A or Single 36A
DC/DC µModule Regulator
The LTM®4630A is a dual 18A or single 36A output switch-
ing mode step-down DC/DC µModule® (micromodule)
regulator with wider VOUT range and higher efficiency
than LTM4630. Included in the package are the switch-
ing controllers, power FETs, inductors and all supporting
components. Operating from an input voltage range of
4.5V to 18V, the LTM4630A supports two outputs each
with an output voltage range of 0.6V to 8V, each set by a
single external resistor. Its high efficiency design delivers
up to 18A continuous current for each output. Only a few
input and output capacitors are needed. The LTM4630A
is pin compatible with the LTM4620 and LTM4620A (dual
13A, single 26A) and the LTM4630 (dual 18A, single 36A).
The device supports frequency synchronization, multi-
phase operation, Burst Mode operation and output voltage
tracking for supply rail sequencing and has an onboard
temperaturediodefordevicetemperaturemonitoring.High
switchingfrequencyandacurrentmodearchitectureenable
a very fast transient response to line and load changes
without sacrificing stability.
Fault protection features include overvoltage and
overcurrentprotection.TheLTM4630Aisofferedin16mm
× 16mm × 4.41mm LGA and 16mm × 16mm × 5.01mm
BGA packages.
FEATURES
APPLICATIONS
n
Dual 18A or Single 36A Output
n
Input Voltage Range: 4.5V to 18V (after date code
1720*)
n
Output Voltage Range: 0.6V to 8V (after date code
1720*)
n
±1.5% Maximum Total DC Output Error Over Line,
Load and Temperature
n
Higher Light Load Efficiency and Wider VOUT Range
Than LTM4630
n
Differential Remote Sense Amplifier
n
Current Mode Control/Fast Transient Response
n
Multiphase Parallel Current Sharing Up to 144A
n
Internal Temperature Monitor
n
Pin Compatible with the LTM4620A (Dual 13A,
Single 26A) and LTM4630 (Dual 18A, Single 36A)
n
Adjustable Switching Frequency or Synchronization
n
Overcurrent Foldback Protection
n
Selectable Burst Mode® Operation, Pulse Skipping
Mode Operation
n
Soft-Start/Voltage Tracking
n
Output Overvoltage Protection
n
16mm × 16mm × 4.41mm LGA and 16mm × 16mm ×
5.01mm BGA Packages
n
Telecom and Networking Equipment
n
Storage and ATCA Cards
n
Industrial Equipment
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. Patents, including 5481178, 5705919, 5929620, 6100678, 6144194, 6177787, 6304066
and 6580258. Other patents pending.
*Maximum VIN = 15V and VOUT = 5.3V with date code before 1720.
36A, 1.2V Output DC/DC µModule Regulator
1.2VOUT and 3.3VOUT
Efficiency vs IOUT
4630A TA01a
LTM4630A
VIN
TEMP
RUN1
RUN2
TRACK1
TRACK2
fSET
470µF
6.3V
60.4k
100µF
6.3V
PHASMD
VOUT1
VOUT
VOUTS1
VFB1
VFB2
COMP1
COMP2
VOUT2
PGOOD2
MODE_PLLIN
PINS UNUSED IN
THIS APPLICATION:
CLKOUT
EXTVCC
SW1
SW2
VOUTS2
INTVCC
INTVCC
PGOOD1
PGOOD
10k
SGND
GND
DIFFP
DIFFN
DIFFOUT
470µF
6.3V
100µF
6.3V
75k
120k
0.1µF
22µF
25V
×4
+
+
VIN
4.5V TO 15V
4.7µF
LOAD CURRENT (A)
0
65
90
85
80
75
70
100
95
10 12 14 16 18
2
4
6
4630A TA01b
8
5 VIN, 3.3VOUT, 500kHz
5 VIN, 1.2VOUT, 300kHz
12 VIN, 3.3VOUT, 600kHz
12 VIN, 1.2VOUT, 300kHz


Similar Part No. - LTM4630A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4630A LINER-LTM4630A Datasheet
1Mb / 36P
40A DC/DC 關Module Regulator
LTM4630A LINER-LTM4630A Datasheet
695Kb / 34P
25A DC/DC Step-Down 關Module Regulator
LTM4630A LINER-LTM4630A Datasheet
533Kb / 34P
Dual 10A or Single 20A 關Module Regulator
LTM4630A LINER-LTM4630A Datasheet
1Mb / 34P
30A DC/DC Step-Down 關Module Regulator
LTM4630A LINER-LTM4630A Datasheet
720Kb / 34P
Dual 25A or Single 50A DC/DC 關Module Regulator
More results

Similar Description - LTM4630A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4628 LINER-LTM4628 Datasheet
704Kb / 36P
Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Dimensions Semic...
LTM4628IVPBF LINEAR_DIMENSIONS-LTM4628IVPBF Datasheet
707Kb / 36P
Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Technology
LTM4630 LINER-LTM4630_15 Datasheet
643Kb / 34P
Dual 18A or Single 36A DC/DC Module Regulator
LTM4630-1 LINER-LTM4630-1_15 Datasheet
1Mb / 36P
Dual 18A or Single 36A Module Regulator with 0.8% DC and 3% Transient Accuracy
LTM4677EY LINER-LTM4677EY Datasheet
1Mb / 12P
Dual 18A or Single 36A 關Module Regulator
LTM4630EY-1 LINER-LTM4630EY-1 Datasheet
883Kb / 8P
Dual 18A or Single 36A 關Module Regulator with 짹0.8% DC and 짹3% Transient Accuracy
LTM4630EV LINER-LTM4630EV Datasheet
803Kb / 8P
High Efficiency Dual 18A or Single 36A 關Module Regulator
LTM4630 LINER-LTM4630 Datasheet
643Kb / 34P
Dual 18A or Single 36A DC/DC 關Module Regulator
LTM4650 LINER-LTM4650 Datasheet
720Kb / 34P
Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4650AEY LINER-LTM4650AEY Datasheet
1Mb / 12P
Dual 25A or Single 50A DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com