Electronic Components Datasheet Search
  English  ▼

X  

LTM4625EY Datasheet(PDF) 2 Page - Linear Technology

Part # LTM4625EY
Description  Tiny 3A DC/DC Inverting Buck-Boost 關Module Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4625EY Datasheet(HTML) 2 Page - Linear Technology

  LTM4625EY Datasheet HTML 1Page - Linear Technology LTM4625EY Datasheet HTML 2Page - Linear Technology LTM4625EY Datasheet HTML 3Page - Linear Technology LTM4625EY Datasheet HTML 4Page - Linear Technology LTM4625EY Datasheet HTML 5Page - Linear Technology LTM4625EY Datasheet HTML 6Page - Linear Technology LTM4625EY Datasheet HTML 7Page - Linear Technology LTM4625EY Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
dc2721abf
DEMO MANUAL
DC2721A-B
QUICK START PROCEDURE
Demonstration circuit 2721A-B is an easy way to evaluate
the performance of the LTM4625EY. Please refer to Figure
1 for test setup connections and follow the procedure
below.
1.With power off, place the jumpers in the following posi-
tions for a typical –0.9VOUT application:
JP7
JP5
JP1
RUN
MODE
VOUT Select
ON
CCM
–0.9V
2.Before connecting input supply, load and meters, pre-
set the input voltage supply to be between 4V to 15V.
Preset the load current to 0A.
3.With power off, connect the load, input voltage supply
and meters as shown in Figure 1.
4.Turn on input power supply. The output voltage meter
should display the selected output voltage ± 2%.
5.Once the proper output voltage is established, adjust
the load current within the 0A to 3A range and observe
the load regulation, efficiency, and other parameters.
Output voltage ripple should be measured across C12
with a BNC cable terminated into 50Ω and an oscil-
loscope.
6.To observe increased light load efficiency place the
mode pin jumper (JP5) in the DCM position.
7.Level shifting circuits are provided for PGOOD, CLKIN
and RUN signals. The CLKIN turret E6 can be connected
to a ground referenced clock with amplitude up to 3.3V
for optional external clock synchronization. The PGOOD
turret E8 provides a ground referenced 3.3V PGOOD
signal.
8.Note that CLKOUT and TRACK signals are not level
shifted and are referenced to –VOUT. If ground refer-
enced CLKOUT output and TRACK input signals are
desired, external level shifting circuits for these pins
are necessary.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com