Electronic Components Datasheet Search
  English  ▼

X  

LTM2894 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM2894
Description  Isolated USB Data Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2894 Datasheet(HTML) 1 Page - Linear Technology

  LTM2894 Datasheet HTML 1Page - Linear Technology LTM2894 Datasheet HTML 2Page - Linear Technology LTM2894 Datasheet HTML 3Page - Linear Technology LTM2894 Datasheet HTML 4Page - Linear Technology LTM2894 Datasheet HTML 5Page - Linear Technology LTM2894 Datasheet HTML 6Page - Linear Technology LTM2894 Datasheet HTML 7Page - Linear Technology LTM2894 Datasheet HTML 8Page - Linear Technology LTM2894 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTM2894
1
2894f
For more information www.linear.com/LTM2894
Typical applicaTion
FeaTures
DescripTion
Isolated USB Data
Transceiver
The LTM®2894 is a complete galvanically-isolated USB 2.0
compatible μModule® (micromodule) transceiver.
The LTM2894 is ideal for isolation in host, hub, bus split-
ter or peripheral device applications. It is compatible with
USB 2.0 full speed (12Mbps) and low speed (1.5Mbps)
operation.Automaticspeedselectionconfiguresintegrated
pull-up resistors on the upstream port to match those
sensed on the downstream device.
The isolator µModule technology uses coupled inductors
to provide 7500VRMSofisolationand17.4mmofcreepage
between the upstream and downstream USB interface.
This device is ideal for systems requiring isolated ground
returnsorlargecommonmodevoltagevariations.Uninter-
rupted communication is guaranteed for common mode
transients greater than 50kV/μs.
Enhanced ESD protection allows this part to withstand
up to ±20kV (human body model) on the USB transceiver
interface pins to local supplies and ±20kV through the
isolation barrier to supplies without latchup or damage.
Isolated V2.0 Full Speed Hub Port
Full Speed Data
applicaTions
n
Isolated USB Transceiver: 7500VRMS for 1 Minute
n
UL-CSA Recognition Pending
n
Reinforced Insulation
n
USB 2.0 Full Speed and Low Speed Compatible
n
Auto-Configuration of Bus Speed
n
4.4V to 36V VBUS and VBUS2 Operating Range
n
3.3V LDO Output Supply Signal References VLO and
VLO2
n
50kV/μs Common Mode Transient Immunity
n
±20kV HBM ESD: on USB Interface Pins
n
1414VPEAK Maximum Continuous Working Voltage
n
17.4mm Creepage Distance
n
22mm × 6.25mm Surface Mount BGA
n
Isolated USB Interfaces
n
Host, Hub, or Device Isolation
n
Industrial/Medical Data Acquisition
L
, LT, LTC, LTM, Linear Technology, the Linear logo, and µModule are registered trademarks
of Linear Technology Corporation. All other trademarks are the property of their respective
owners.
2894 TA01
VLO
LTM2894
5VISO
ON
5V
3.3V
VBUS
VBUS2
D1+
D1–
ON2
VLO2
D2+
USB PORT
120µF
D2–
GND2
GND
15k
15k
HUB
µC
500ns/DIV
D2+
0.5V/DIV
D2–
0.5V/DIV
2894 TA01b


Similar Part No. - LTM2894

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM2894 AD-LTM2894 Datasheet
1Mb / 30P
7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
Rev. A
LTM2894 AD-LTM2894 Datasheet
1Mb / 22P
6500VRMS Isolated RS485/RS422 μModule Transceiver Power
Rev. B
LTM2894 AD-LTM2894 Datasheet
671Kb / 18P
Isolated USB Data Transceiver
Rev A
LTM2894 AD-LTM2894 Datasheet
1Mb / 24P
Isolated USB Transceiver with Isolated Power
Rev. D
LTM2894CYPBF AD-LTM2894CYPBF Datasheet
671Kb / 18P
Isolated USB Data Transceiver
Rev A
More results

Similar Description - LTM2894

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4170 AKM-AK4170 Datasheet
82Kb / 10P
USB TRANSCEIVER
logo
Micrel Semiconductor
MIC2551A MICREL-MIC2551A Datasheet
79Kb / 11P
USB TRANSCEIVER
MIC2551A-2.5 MICREL-MIC2551A-2.5 Datasheet
656Kb / 10P
USB Transceiver
logo
STMicroelectronics
STUSB02E STMICROELECTRONICS-STUSB02E_07 Datasheet
363Kb / 20P
USB Transceiver
14-Mar-2007
logo
Texas Instruments
TUSB1310 TI-TUSB1310 Datasheet
275Kb / 36P
USB 3.0 Transceiver Data Manual
logo
Micrel Semiconductor
MIC2551A MICREL-MIC2551A_11 Datasheet
96Kb / 11P
USB Transceiver
MIC2551A-2.5 MICREL-MIC2551A-2.5_10 Datasheet
498Kb / 10P
USB Transceiver
MIC2551 MICREL-MIC2551_08 Datasheet
94Kb / 11P
USB Transceiver
logo
Linear Technology
LTM2884 LINER-LTM2884_15 Datasheet
423Kb / 24P
Isolated USB Transceiver with Isolated Power
LTM2884 LINER-LTM2884 Datasheet
707Kb / 24P
Isolated USB Transceiver with Isolated Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com