Electronic Components Datasheet Search
  English  ▼

X  

LTM4607EV Datasheet(PDF) 2 Page - Linear Technology

Part # LTM4607EV
Description  High Efficiency PolyPhase Buck-Boost Power Supply
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4607EV Datasheet(HTML) 2 Page - Linear Technology

  LTM4607EV Datasheet HTML 1Page - Linear Technology LTM4607EV Datasheet HTML 2Page - Linear Technology LTM4607EV Datasheet HTML 3Page - Linear Technology LTM4607EV Datasheet HTML 4Page - Linear Technology LTM4607EV Datasheet HTML 5Page - Linear Technology LTM4607EV Datasheet HTML 6Page - Linear Technology LTM4607EV Datasheet HTML 7Page - Linear Technology LTM4607EV Datasheet HTML 8Page - Linear Technology LTM4607EV Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
dc1601bf
DEMO MANUAL DC1601B
PERFORMANCE SUMMARY (T
A = 25°C)
PARAMETER
CONDITIONS
VALUE
Maximum Input Voltage
36V
Minimum Input Voltage
6V
Output Voltage VOUT
Programmed by R22
12V
Maximum Continuous Output Current IOUT(MAX)
Current Derating May Be Necessary for
Certain VIN, VOUT, Frequency and Thermal
Conditions.
10A (DC1601B-A)
15A (DC1601B-B)
20A (DC1601B-C)
Default Operating Frequency
300kHz
External Clock Sync. Frequency Range
200kHz to 400kHz
Output Voltage Ripple (Typical)
VOUT = 12V
300kHz (20MHz BW)
VIN = 9V, IOUT = 10A (DC1601B-A), See Figure 5a
VIN = 12V, IOUT = 15A (DC1601B-B), See Figure 5b
VIN = 32V, IOUT = 20A (DC1601B-B), See Figure 5c
Efficiency
VIN = 9V, VOUT = 12V
300kHz
95.7% at IOUT = 10A (DC1601B-A), See Figure 2a
94.8% at IOUT = 15A (DC1601B-B), See Figure 2b
94.8% at IOUT = 20A (DC1601B-C), See Figure 2c
Load Transient
VOUT = 12V
300kHz (20MHz BW)
VIN = 9V, IOUT = 10A (DC1601B-A), See Figure 4a
VIN = 12V, IOUT = 15A (DC1601B-B), See Figure 4b
VIN = 32V, IOUT = 20A (DC1601B-B), See Figure 4c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com