Electronic Components Datasheet Search
  English  ▼

X  

LTM4622EV Datasheet(PDF) 2 Page - Linear Technology

Part # LTM4622EV
Description  Ultrathin Dual 2.5A, Single 5A Step-Down 關Module Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4622EV Datasheet(HTML) 2 Page - Linear Technology

  LTM4622EV Datasheet HTML 1Page - Linear Technology LTM4622EV Datasheet HTML 2Page - Linear Technology LTM4622EV Datasheet HTML 3Page - Linear Technology LTM4622EV Datasheet HTML 4Page - Linear Technology LTM4622EV Datasheet HTML 5Page - Linear Technology LTM4622EV Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
dc2249afa
DEMO MANUAL DC2249A
QUICK START PROCEDURE
Figure 1. Test Setup
Demonstration Circuit 2249A is an easy way to evaluate
the performance of the LTM4622. Please refer to Figure 1
fortestsetupconnectionsandfollowtheprocedurebelow.
1. With power off, place the jumpers in the following
positions for a typical application for 3.3VOUT and
1.2VOUT rails:
JP1
JP2
JP3
RUN1
RUN2
MODE
ON
ON
CCM
2. Before powering up the input supply and loads, preset
theinputvoltagesupplytobebetween4Vto20V.Preset
the load current for each output rail to 0A.
3. With power off, connect the loads, input voltage supply
and meters as shown in Figure 1.
4. Turn on the input power supply. The output voltage me-
ters for each output rail should display the programmed
output voltage ±2%.
5. Once the proper output voltages are established, adjust
the load current on each rail within the 0A
– 2.5A range
andobserveeachoutputrail’sloadregulation,efficiency,
and other parameters.
6. To observe increased light load efficiency, place the
mode pin jumper (JP3) in the BURST position.
NOTE: Demonstration Circuit 2249A is designed to exhibit
the wide output voltage range of the LTM4622. In order
to keep inductor current ripple within reasonable limits,
it is recommended to increase programmed switching
frequency for higher output voltages. The programmed
switching frequency for data provided in this manual is
consistent with switching frequency recommendations
corresponding to the programmed output voltage. Please
refer to the LTM4622 data sheet for more details regard-
ing recommended switching frequency for your particular
application.
A
–
+
V
+
–
LOAD
0A – 2.5A
VIN
A
–
+
V
+
–
+
–
A
–
+
V
+
–
+
–
LOAD
0A – 2.5A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com